Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7478 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 7478
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7478 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 7478 Datasheet HTML 55Page - Renesas Technology Corp 7478 Datasheet HTML 56Page - Renesas Technology Corp 7478 Datasheet HTML 57Page - Renesas Technology Corp 7478 Datasheet HTML 58Page - Renesas Technology Corp 7478 Datasheet HTML 59Page - Renesas Technology Corp 7478 Datasheet HTML 60Page - Renesas Technology Corp 7478 Datasheet HTML 61Page - Renesas Technology Corp 7478 Datasheet HTML 62Page - Renesas Technology Corp 7478 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 361 page
background image
HARDWARE
1.11 Interrupts
7470/7471/7477/7478 GROUP USER’S MANUAL
1-52
1.11.2 Operation description
(1) Interrupt operation
After an interrupt is accepted, the contents of the register shown below are automatically pushed to
the stack area in sequence in the order of 1, 2 and 3 .
1 Program counter high-order (PCH)
2 Program counter low-order (PCL)
3 Processor status register (PS)
After the above register is pushed, a branch is made to the vector address of the accepted interrupt.
When the RTI instruction is executed at the end of the interrupt processing routine, the contents of
the above register which were pushed onto the stack area are popped to the respective registers in
sequence in the order of 3, 2 and 1, and the processing precedent to the acceptance of the
interrupt is restarted.
Figure 1.11.2 shows the interrupt operation.
Fig. 1.11.2 Interrupt operation
Interrupt occurs
(Accepting interrupt request)
·······
·······
Executing routine
RTI instruction
Interrupt
processing
routine
Suspended
operation
Resume processing
: Operation commanded by software
: Internal operation to be performed automatically
Contents of Program counter (high-order) are pushed onto stack
Contents of Program counter (low-order) are pushed onto stack
Contents of Processor status register are pushed onto stack
Contents of Processor status register are popped from stack
Contents of Program counter (low-order) are popped from stack
Contents of Program counter (high-order) are popped from stack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com