Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7480_M Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # 7480_M
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480_M Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button 7480_M Datasheet HTML 69Page - Renesas Technology Corp 7480_M Datasheet HTML 70Page - Renesas Technology Corp 7480_M Datasheet HTML 71Page - Renesas Technology Corp 7480_M Datasheet HTML 72Page - Renesas Technology Corp 7480_M Datasheet HTML 73Page - Renesas Technology Corp 7480_M Datasheet HTML 74Page - Renesas Technology Corp 7480_M Datasheet HTML 75Page - Renesas Technology Corp 7480_M Datasheet HTML 76Page - Renesas Technology Corp 7480_M Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 337 page
background image
7480 Group and 7481 Group User's Manual
1-56
HARDWARE
1.11 Interrupts
1.11.7 Notes on Usage
Pay attention to the following notes when an interrupt is used.
(1)
For All Interrupts
Before the execution of an interrupt, set the corresponding interrupt request bit and interrupt enable
bit in the following order:
Œ Clear the interrupt request bit to ‘0’ (no interrupt request).
 Set the corresponding interrupt enable bit to ‘1’ (interrupt enabled).
The interrupt request bits can be changed by software, but retain the values immediately after a
rewrite instruction is executed. Therefore, the following operations must be performed after one or
more instructions at the completion of a rewrite instruction:
• Execute the BBC or BBS instruction after an interrupt request bit is changed.
• Set an interrupt enable bit to ‘1’ after an interrupt request bit is changed.
(2)
For the INT and CNTR Interrupts
When edge selection bits of the edge polarity selection register are set, interrupt request bits may
become ‘1’. Therefore, set edge selection bits in the following sequence:
Œ Clear interrupt enable bit to ‘0’ (interrupt disabled).
 Set edge selection bit.
Ž Clear interrupt request bit to ‘0’ (no interrupt request).
 Execute one or more instructions (NOP etc.).
 Set interrupt enable bit to ‘1’ (interrupt enabled).
The INT0, INT1, CNTR0, and CNTR1 pins have the alternative functions of input port pins P30, P31,
I/O port pins P40, and P41, respectively. When these pins are used as input port pins, valid edges
can still be detected because the 7480 Group and 7481 Group does not have the function to switch
the INT and CNTR pins to input port pins. Therefore, when these pins are used as input port pins,
clear all the corresponding interrupt enable bits of the INT and CNTR interrupts to ‘0’ (disabled).
Keep the trigger width input to the INT pins 250 ns or more.
(3)
For the Key-On Wakeup Interrupt
When the key-on wakeup interrupt is used, execute the STP/WIT instruction after all inputs to port
P0 are held HIGH.
In states other than the stop/wait mode, the key-on wakeup interrupt is invalid.
(4)
For the BRK instruction interrupt
When the BRK instruction is executed, 2 is added to the contents of program counter, and then the
contents of the program counter are pushed onto the stack. As a result, upon return from the BRK
instruction interrupt service routine, the one byte subsequent to the BRK instruction is not executed.
Therefore, at programming, it is necessary to insert the NOP instruction immediately after the BRK
instruction.
When there are two or more interrupt sources of which interrupt request bits and interrupt enable bits
are ‘1’, but the interrupt disable flag is ‘1’ (that is, in the interrupt disabled state), the execution of
the BRK instruction starts execution of the interrupt service routine at the vector address with the
highest priority level in these sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com