Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STZTA42 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STZTA42
Description  MEDIUM POWER AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STZTA42 Datasheet(HTML) 2 Page - STMicroelectronics

  STZTA42 Datasheet HTML 1Page - STMicroelectronics STZTA42 Datasheet HTML 2Page - STMicroelectronics STZTA42 Datasheet HTML 3Page - STMicroelectronics STZTA42 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-amb
•
Rthj-tab
•
Thermal Resistance Junction-Ambient
Max
Thermal Resistance Junction-Collecor Tab
Max
62.5
8
oC/W
oC/W
• Mounted on a ceramic substrate area = 30 x 35 x 0.7 mm
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = 200 V
100
nA
V(BR)CBO
Collector-Base
Breakdown Voltage
(IE = 0)
IC = 100
µA
300
V
V(BR)CEO
∗ Collector-Emitter
Breakdown Voltage
(IB = 0)
IC = 1 mA
300
V
V(BR)EBO
Emitter-Base
Breakdown Voltage
(IC = 0)
IE = 100
µA
6
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 20 mA
IB = 2 mA
0.5
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 20 mA
IB = 2 mA
0.9
V
hFE
∗
DC Current Gain
IC = 1 mA
VCE = 10 V
IC = 10 mA
VCE = 10 V
IC = 30 mA
VCE = 10 V
25
40
40
fT
Transition Frequency
IC = 10 mA
VCE = 20 V f = 50 MHz
50
MHz
CCEO
Collector Emitter
Capacitance
VCE = 20 V f = 1 MHz
50
pF
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 1.5 %
STZTA42
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com