Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2633R Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HD64F2633R
Description  16-Bit Single-Chip Microcomputer
PDF  1487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2633R Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HD64F2633R Datasheet HTML 17Page - Renesas Technology Corp HD64F2633R Datasheet HTML 18Page - Renesas Technology Corp HD64F2633R Datasheet HTML 19Page - Renesas Technology Corp HD64F2633R Datasheet HTML 20Page - Renesas Technology Corp HD64F2633R Datasheet HTML 21Page - Renesas Technology Corp HD64F2633R Datasheet HTML 22Page - Renesas Technology Corp HD64F2633R Datasheet HTML 23Page - Renesas Technology Corp HD64F2633R Datasheet HTML 24Page - Renesas Technology Corp HD64F2633R Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 1487 page
background image
Rev. 5.00 Mar 28, 2005 page xxi of lxii
Item
Page
Revision (See Manual for Details)
1.3.3 Pin
Functions
Table 1.3 (a) Pin
Functions
(H8S/2633,
H8S/2633F,
H8S/2632,
H8S/2631)
35
Table amended
Type
Symbol
I/O
Name and Function
TxD4, TxD3,
TxD2, TxD1,
TxD0
Output
Transmit data (channel 0 to 4): Data output pins.
RxD4, RxD3,
RxD2, RxD1,
RxD0
Input
Receive data (channel 0 to 4): Data input pins.
Serial
communication
interface (SCI)/
Smart Card
interface
SCK4, SCK3,
SCK2, SCK1,
SCK0
I/O
Serial clock (channel 0 to 4): Clock I/O pins.
SCK0 output type is NMOS push-pull.
Table 1.3 (b) Pin
Functions
(H8S/2633R)
41
Table amended
Type
Symbol
I/O
Name and Function
TxD4, TxD3,
TxD2, TxD1,
TxD0
Output
Transmit data (channel 0 to 4): Data output pins.
Serial
communication
interface (SCI)/
Smart Card
interface
RxD4, RxD3,
RxD2, RxD1,
RxD0
Input
Receive data (channel 0 to 4): Data input pins.
SCK4, SCK3,
SCK2, SCK1,
SCK0
I/O
Serial clock (channel 0 to 4): Clock I/O pins.
SCK0 output type is NMOS push-pull.
IrDA-equipped
SCI 1 channel
(SCI0)
IrTxD
IrRxD
Output/
Input
IrDA transmission data/receive data: Input/output pins
for the data encoded for the IrDA.
I
2C bus interface
(IIC) (optional)
SCL0
SCL1
I/O
I
2C clock input (channel 1, 0):
I
2C clock input/output pins.
These functions have a bus driving function.
SCL0's output format is an NMOS open drain.
SDA0
SDA1
I/O
I
2C data input/output (channel 1, 0):
I
2C clock input/output pins.
These functions have a bus driving function.
SCL0's output format is an NMOS open drain.
2.6.1 Overview
Table 2.1
Instruction
Classification
66
Note *5 added
STM*
5 • LDM*5
Note: 5. Only register ER0 to ER6 should be used when using the
STM/LDM instruction.
2.6.2 Instructions
and Addressing
Modes
Table 2.2
Combinations of
Instructions and
Addressing Modes
67, 68
Note *3 added
STM*
3
LDM*
3
Note: 3. Only register ER0 to ER6 should be used when using the
STM/LDM instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com