Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6TQ035PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 6TQ035PBF
Description  Schottky Rectifier, 6 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6TQ035PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  6TQ035PBF Datasheet HTML 1Page - Vishay Siliconix 6TQ035PBF Datasheet HTML 2Page - Vishay Siliconix 6TQ035PBF Datasheet HTML 3Page - Vishay Siliconix 6TQ035PBF Datasheet HTML 4Page - Vishay Siliconix 6TQ035PBF Datasheet HTML 5Page - Vishay Siliconix 6TQ035PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94252
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 06-Jun-08
1
Schottky Rectifier, 6 A
6TQ...PbF Series
Vishay High Power Products
FEATURES
• 175 °C TJ operation
• High frequency operation
• Low forward voltage drop
• High
purity,
high
temperature
epoxy
encapsulation
for
enhanced
mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Lead (Pb)-free (“PbF” suffix)
• Designed and qualified for industrial level
DESCRIPTION
The 6TQ...PbF Schottky rectifier series has been optimized
for low reverse leakage at high temperature. The proprietary
barrier technology allows for reliable operation up to 175 °C
junction temperature. Typical applications are in switching
power supplies, converters, freewheeling diodes, and
reverse battery protection.
PRODUCT SUMMARY
IF(AV)
6 A
VR
35 to 45 V
Anode
1
3
Cathode
TO-220AC
Base
cathode
2
Available
Pb-free
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
6
A
VRRM
Range
35 to 45
V
IFSM
tp = 5 µs sine
690
A
VF
6 Apk, TJ = 125 °C
0.53
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
6TQ035PbF
6TQ040PbF
6TQ045PbF
UNITS
Maximum DC reverse voltage
VR
35
40
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 164 °C, rectangular waveform
6
A
Maximum peak one cycle
non-repetitive surge current
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
690
A
10 ms sine or 6 ms rect. pulse
140
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 1.20 A, L = 11.10 mH
8
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
1.20
A
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 6TQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6TQ035PBF VISHAY-6TQ035PBF Datasheet
167Kb / 7P
Schottky Rectifier, 6 A
29-Aug-11
6TQ035PBF VISHAY-6TQ035PBF_12 Datasheet
167Kb / 7P
Schottky Rectifier, 6 A
29-Aug-11
More results

Similar Description - 6TQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6TQ045 VISHAY-6TQ045 Datasheet
111Kb / 6P
Schottky Rectifier, 6 A
27-Jun-08
6TQ045SPBF VISHAY-6TQ045SPBF Datasheet
127Kb / 6P
Schottky Rectifier, 6 A
26-May-08
6TQ045S VISHAY-6TQ045S Datasheet
124Kb / 6P
Schottky Rectifier, 6 A
27-Jun-08
6TQ035SPBF VISHAY-6TQ035SPBF_10 Datasheet
122Kb / 6P
Schottky Rectifier, 6 A
15-Mar-10
6TQ035PBF VISHAY-6TQ035PBF_12 Datasheet
167Kb / 7P
Schottky Rectifier, 6 A
29-Aug-11
6TQ035SPBF VISHAY-6TQ035SPBF_12 Datasheet
167Kb / 7P
Schottky Rectifier, 6 A
15-Mar-10
VS-6TQPBF VISHAY-VS-6TQPBF Datasheet
168Kb / 7P
Schottky Rectifier, 6 A
29-Aug-11
6TQ VISHAY-6TQ Datasheet
94Kb / 6P
Schottky Rectifier, 6 A
27-Jun-08
6TQS VISHAY-6TQS Datasheet
107Kb / 6P
Schottky Rectifier, 6 A
27-Jun-08
VS-6TQPBF VISHAY-VS-6TQPBF_V01 Datasheet
135Kb / 7P
Schottky Rectifier, 6 A
29-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com