Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1176 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1176
Description  ISOLATED RS-485 PROFIBUS TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1176 Datasheet(HTML) 3 Page - Texas Instruments

  ISO1176 Datasheet HTML 1Page - Texas Instruments ISO1176 Datasheet HTML 2Page - Texas Instruments ISO1176 Datasheet HTML 3Page - Texas Instruments ISO1176 Datasheet HTML 4Page - Texas Instruments ISO1176 Datasheet HTML 5Page - Texas Instruments ISO1176 Datasheet HTML 6Page - Texas Instruments ISO1176 Datasheet HTML 7Page - Texas Instruments ISO1176 Datasheet HTML 8Page - Texas Instruments ISO1176 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ISODE-PIN ELECTRICAL CHARACTERISTICS
DRIVER ELECTRICAL CHARACTERISTICS
ISO1176
www.ti.com.................................................................................................................................................. SLLS897C – MARCH 2008 – REVISED OCTOBER 2008
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –8 mA
VCC2 – 0.8
4.6
VOH
High-level output voltage
V
IOH = –20 µA
VCC2 – 0.1
5
IOL = 8 mA
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 µA
0
0.1
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOD
Open-circuit differential output voltage
|VA – VB|, Figure 1
1.5
VCC2
V
|VOD(SS)|
Steady-state differential output voltage
See Figure 2 and Figure 6
2.1
magnitude
V
Common-mode loading with Vtest from –7
2.1
V to 12 V, See Figure 3
|
ΔVOD(SS)|
Change in steady-state differential output
V
RL = 54 Ω, See Figure 4 andFigure 5
–0.2
0.2
voltage between logic states
VOC(SS)
Steady-state common-mode output voltage
2
3
ΔVOC(SS)
Change in steady-state common-mode output
RL = 54 Ω, See Figure 4 and Figure 5
–0.2
0.2
V
voltage
VOC(PP)
Peak-to-peak common-mode output voltage
0.5
Differential output voltage over and under
VOD(pp)
VOD(RING)
See Figure 6 and Figure 10
10%
shoot
VI(HYS)
Input voltage hysteresis
See Figure 7
150
mV
D, DE at 0 V or VCC1
–10
10
II
Input current
µA
PV(1) at 0 V or VCC1
120
IO(OFF)
Output current with power off
VCC ≤ 2.5 V
See Receiver input
current
IOZ
High impedance state output current
DE at 0 V
IOS(P)
Peak short-circuit output current
VOS = –7 V to 12 V
–250
250
DE at VCC, See
VOS = 12 V, D at
135
Figure 8 and
GND1
mA
IOS(SS)
Steady-state short-circuit output current
Figure 9
VOS = –7 V, D at
–135
VCC1
COD
Differential output capacitance
See Receiver CIN
CMTI
Common-mode transient immunity
See Figure 20
25
kV/
µs
(1)
The PV pin has a 50 k
Ω pull-up resistor and leakage current depends on supply voltage.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :ISO1176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com