Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3218 Datasheet(PDF) 21 Page - Texas Instruments

Part # TAS3218
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS3218 Datasheet HTML 17Page - Texas Instruments TAS3218 Datasheet HTML 18Page - Texas Instruments TAS3218 Datasheet HTML 19Page - Texas Instruments TAS3218 Datasheet HTML 20Page - Texas Instruments TAS3218 Datasheet HTML 21Page - Texas Instruments TAS3218 Datasheet HTML 22Page - Texas Instruments TAS3218 Datasheet HTML 23Page - Texas Instruments TAS3218 Datasheet HTML 24Page - Texas Instruments TAS3218 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
Stereo Digital to Analog Converters
TAS3218
www.ti.com ....................................................................................................................................................................................................... SLES235 – JULY 2008
The TAS3218 has three stereo digital to analog converters (DACs). Each DAC can operate a maximum of 48
kHz. The DACs provide a 48 kHz sampling frequency in master mode. In slave mode 32, 44.1, and 48 kHz are
supported, based upon the master clock frequency. Two of the DACs are configured for providing line outputs.
One of the stereo DACs has the capability to drive either a line out or to be used as a headphone (HP) amplifier.
The stereo headphone amplifier is designed to drive up to 24 mW per channel into a headphone speaker load of
16
Ω. The headphone output is a single ended configuration using series 16-Ω resistors and AC-coupling
capacitors.
The TAS3218 includes three multiplexed stereo line driver outputs. The input to each of these line drives can be
selected to use one of the ten stereo analog input channels. Additionally, line driver output 1 can output the
contents of the stereo DAC. Each line driver is capable of driving up to a 10 k
Ω load.
NOTE:
To avoid audio aritifacts when using the line driver outputs, I2C commands to
reconfigure the lineout multiplexers should not be issued alone, rather should be
accompanied by a mute/unmute sequence to all analog audio channels of the
TAS3218.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com