Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5944PWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5944PWPR
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5944PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC5944PWPR Datasheet HTML 17Page - Texas Instruments TLC5944PWPR Datasheet HTML 18Page - Texas Instruments TLC5944PWPR Datasheet HTML 19Page - Texas Instruments TLC5944PWPR Datasheet HTML 20Page - Texas Instruments TLC5944PWPR Datasheet HTML 21Page - Texas Instruments TLC5944PWPR Datasheet HTML 22Page - Texas Instruments TLC5944PWPR Datasheet HTML 23Page - Texas Instruments TLC5944PWPR Datasheet HTML 24Page - Texas Instruments TLC5944PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Status Information Data (SID)
StatusInformationData(SID)Configuration
GrayscaleShiftRegister(12Bits
16Channels)
´
¼
¼
¼
¼
¼
MSB
17
OUT15
LODData
OUT14
LODData
OUT0
LODData
TEFData
PTWData
16
2
1
LSB
0
LODDataofOUT15toOUT0(16Bits)
The16LODbitsforeachchannelandtheTEFandPTWbits
overwrite themostsignificant18bitsofthegrayscaleshiftregister
attherisingedgeofthefirstSCLKafterXLATgoeslow.
SOUT
(DCSEL=L)
MSB
191
LSB
0
180
179
12
11
OUT15-Bit11
(LOD-OUT15)
OUT0-Bit0
OUT15-Bit0
(LOD-OUT4)
OUT14-Bit11
(LOD-OUT3)
OUT1-Bit0
OUT0-Bit11
SIN
SCLK
(DCSEL=L)
GSDataforOUT15
GSDataforOUT14
GSDataforOUT1
¼
GSDataforOUT0
¼
¼
175
174
OUT14-Bit7
(TEF)
OUT14-Bit6
(PTW)
TLC5944
www.ti.com ...................................................................................................................................................................................................... SBVS112 – JUNE 2008
Status information data (SID) are 18-bit, read-only data. The 16-bit LED open detection (LOD) error, the thermal
error flag (TEF), and the pre-thermal warning (PTW) are shifted out onto the SOUT pin with each rising edge of
the serial data shift clock, SCLK. The 16 LOD bits for each channel and the two TEF bits are written into the 18
most significant bits of the grayscale shift register at the rising edge of the first SCLK after XLAT goes low. As a
result, the previous data in the 18 most significant bits of the grayscale information are lost at the same time. No
data are loaded into the other 174 bits. Figure 30 shows the bit assignments. Figure 16 illustrates the read timing
for the status information data.
Figure 30. Status Information Data Configuration
The LOD data update at the rising edge of the next 33rd GSCLK of the subsequent PWM cycle; the LOD data
are retained until the next 33rd GSCLK. LOD data are only checked for outputs that are turned on during the
rising edge of the 33rd GSCLK pulse. A '1' in an LOD bit indicates an open LED condition for the corresponding
channel. A '0' indicates normal operation. It is possible for LOD data to show a '0' even if the LED is open when
the grayscale data are less than 20h (32d).
The PTW and TEF bits indicate that the IC temperature is high and too high, respectively. The TEF flag also
indicates that the IC has turned off all drivers to avoid damage by overheating the device. A '1' in the TEF bit
means that the IC temperature has exceeded the detect temperature threshold of high side (T(TEF)) and the driver
is forced off. A '0' in the TEF bit indicates the driver has not exceeded the high temperature. The PTW flag
indicates that the IC temperature has exceeded the detect temperature threshold, but does not force the driver
off. A '1' in the PTW bit indicates that the IC temperature has exceeded the pre-thermal warning threshold
(T(PTW)) but does not force the driver off. A '0' in the PTW bit indicates normal operation with low-side
temperature conditions. When the PTW is set, the IC temperature should be reduced by lowering the power
dissipated in the driver to avoid a forced shutdown by the thermal shutdown circuit. This reduction can be
accomplished by lowering the values of the GS or DC data.
When the IC powers on, LOD data do not show correct values. Therefore, LOD data must be read from the 33rd
GSCLK pulse input after BLANK goes low. Table 4 shows a truth table for both LOD and TEF.
Table 4. LOD and TEF Truth Table
CONDITION
SID DATA
LED OPEN DETECTION (LODn)
THERMAL ERROR FLAG (TEF)
PRE-THERMAL WARNING (PTW)
Device temperature is lower than the
Device temperature is lower than the
LED is connected
0
high-side detect temperature
low-side detect temperature
(VOUTn > VLOD)
(temp
≤ T(TEF) –T(HYST))
(temp < T(PTW) – T(HYSP))
Device temperature is higher than the
Device temperature is higher than the
LED is open or shorted to GND
high-side detect temperature and the
1
low-side detect temperature
(VOUTn ≤ VLOD)
driver is forced off
(temp
≥ T(PTW))
(temp > T(TEF))
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TLC5944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com