Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP300 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP300
Description  1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP300 Datasheet(HTML) 2 Page - Texas Instruments

  TMP300 Datasheet HTML 1Page - Texas Instruments TMP300 Datasheet HTML 2Page - Texas Instruments TMP300 Datasheet HTML 3Page - Texas Instruments TMP300 Datasheet HTML 4Page - Texas Instruments TMP300 Datasheet HTML 5Page - Texas Instruments TMP300 Datasheet HTML 6Page - Texas Instruments TMP300 Datasheet HTML 7Page - Texas Instruments TMP300 Datasheet HTML 8Page - Texas Instruments TMP300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
TMP300
SBOS335A – JUNE 2005 – REVISED SEPTEMBER 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
TMP300
SC70-6
DCK
BPN
TMP300
SOT23-6(2)
DBV
T300
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Available 4Q, 2007.
VALUE
UNIT
Supply Voltage (V+)
+18
V
Signal Input Terminals, Voltage(2)
–0.5 to (V+) + 0.5
V
Signal Input Terminals, Current(2)
±10
mA
Output Short-Circuit (ISC)
(3)
Continuous
Open-Drain Output
(V+) + 0.5
V
Operating Temperature
–40 to +150
°C
Storage Temperature
–55 to +150
°C
Junction Temperature (TJ)
+150
°C
Human Body Model (HBM)
4000
V
ESD Rating
Charged Device Model (CDM)
1000
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should
be current limited to 10mA or less.
(3)
Short-circuit to ground.
2
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): TMP300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com