Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12P10-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 12P10-TN3-R
Description  100V P-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12P10-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  12P10-TN3-R Datasheet HTML 1Page - Unisonic Technologies 12P10-TN3-R Datasheet HTML 2Page - Unisonic Technologies 12P10-TN3-R Datasheet HTML 3Page - Unisonic Technologies 12P10-TN3-R Datasheet HTML 4Page - Unisonic Technologies 12P10-TN3-R Datasheet HTML 5Page - Unisonic Technologies 12P10-TN3-R Datasheet HTML 6Page - Unisonic Technologies 12P10-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
12P10
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-262.a
100V P-CHANNEL MOSFET
DESCRIPTION
The 12P10 uses advanced proprietary, planar stripe, DMOS
technology to provide excellent RDS(ON), low gate charge and
operation with low gate voltages. This device is suitable to be
used in low voltage applications such as audio amplifier, high
efficiency switching DC/DC converters, and DC motor control.
FEATURES
* RDS(ON) = 0.29Ω @VGS = -10 V
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
1.Gate
3.Source
2.Drain
Lead-free:
12P10L
Halogen-free: 12P10G
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
Package
1
2
3
Packing
12P10-TN3-R
12P10L-TN3-R
12P10G-TN3-R
TO-252
G
D
S
Tape Reel
12P10-TN3-T
12P10L-TN3-T
12P10G-TN3-T
TO-252
G
D
S
Tube


Similar Part No. - 12P10-TN3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
12P10-TN3-R VBSEMI-12P10-TN3-R Datasheet
1Mb / 9P
P-Channel 100 V (D-S) MOSFET
More results

Similar Description - 12P10-TN3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA17P10 FAIRCHILD-FQA17P10 Datasheet
676Kb / 8P
100V P-Channel MOSFET
FQAF17P10 FAIRCHILD-FQAF17P10 Datasheet
667Kb / 8P
100V P-Channel MOSFET
FQB8P10 FAIRCHILD-FQB8P10 Datasheet
667Kb / 9P
100V P-Channel MOSFET
FQD8P10 FAIRCHILD-FQD8P10 Datasheet
662Kb / 9P
100V P-Channel MOSFET
FQP17P10 FAIRCHILD-FQP17P10 Datasheet
668Kb / 8P
100V P-Channel MOSFET
FQPF12P10 FAIRCHILD-FQPF12P10 Datasheet
631Kb / 8P
100V P-Channel MOSFET
logo
Guangdong Kexin Industr...
KQD5P10 KEXIN-KQD5P10 Datasheet
63Kb / 2P
100V P-Channel MOSFET
logo
Fairchild Semiconductor
FQD12P10TMF085 FAIRCHILD-FQD12P10TMF085 Datasheet
883Kb / 8P
100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM22P10 KERSEMI-KSM22P10 Datasheet
1Mb / 6P
100V P-Channel MOSFET
KSMD8P10TM_F085 KERSEMI-KSMD8P10TM_F085 Datasheet
995Kb / 6P
100V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com