Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54331 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331
Description  3A, 28V INPUT, STEP DOWN SWIFTM DC/DC CONVERTER WITH ECO-MODTM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54331 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54331 Datasheet HTML 9Page - Texas Instruments TPS54331 Datasheet HTML 10Page - Texas Instruments TPS54331 Datasheet HTML 11Page - Texas Instruments TPS54331 Datasheet HTML 12Page - Texas Instruments TPS54331 Datasheet HTML 13Page - Texas Instruments TPS54331 Datasheet HTML 14Page - Texas Instruments TPS54331 Datasheet HTML 15Page - Texas Instruments TPS54331 Datasheet HTML 16Page - Texas Instruments TPS54331 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
(
)
OPPMAX
max
LPP
SW
O
D
0.5
V
ESR
=
I
4
F
C
-
-
´
´
(13)
(
)
12
OUT
IN(MAX)
OUT
COUT(RMS)
IN(MAX)
OUT
SW
C
V
× V
V
1
I
=
×
V
× L
× F
× N
æ
ö
-
ç
÷
ç
÷
è
ø
(14)
COMPENSATION COMPONENTS
ggm
REF
DC
O
V
V
G
=
V
´
(15)
(
)
PO
OO
Z
V
= 1/ 2
R
C
p
´
´
´
(16)
(
)
Z1
Z
Z
F
= 1/ 2
R
C
p
´
´
´
(17)
(
)
P1
Z
P
F
= 1/ 2
R
C
p
´
´
´
(18)
TPS54331
www.ti.com ...................................................................................................................................................... SLVS839B – JULY 2008 – REVISED OCTOBER 2008
The maximum ESR of the output capacitor can be determined from the amount of allowable output ripple as
specified in the initial design parameters. The contribution to the output ripple voltage due to ESR is the inductor
ripple current times the ESR of the output filter, so the maximum specified ESR as listed in the capacitor data
sheet is given by Equation 13
Where VOPPMAX is the desired maximum peak-to-peak output ripple. The maximum RMS ripple current in the
output capacitor is given by Equation 14.
For this design example, two 47-
µF ceramic output capacitors are chosen for C8 and C9. These are TDK
C3216X5R0J476MT, rated at 6.3 V with a maximum ESR of 2 m
Ω and a ripple current rating in excess of 3 A.
The calculated total RMS ripple current is 161 mA ( 80.6 mA each) and the maximum total ESR required is 43
m
Ω. These output capacitors exceed the requirements by a wide margin and will result in a reliable,
high-performance design. it is important to note that the actual capacitance in circuit may be less than the
catalog value when the output is operating at the desired output of 3.3 V The selected output capacitor must be
rated for a voltage greater than the desired output voltage plus ½ the ripple voltage. Any derating amount must
also be included. Other capacitor types work well with the TPS54331, depending on the needs of the application.
The external compensation used with the TPS54331 allows for a wide range of output filter configurations. A
large range of capacitor values and types of dielectric are supported. The design example uses ceramic X5R
dielectric output capacitors, but other types are supported.
A Type II compensation scheme is recommended for the TPS54331. The compensation components are chosen
to set the desired closed loop cross over frequency and phase margin for output filter components. The type II
compensation has the following characteristics; a dc gain component, a low frequency pole, and a mid frequency
zero / pole pair.
The dc gain is determined by Equation 15:
Where:
Vggm = 800
VREF = 0.8 V
The low-frequency pole is determined by Equation 16:
The mid-frequency zero is determined by Equation 17:
And, the mid-frequency pole is given by Equation 18:
The first step is to choose the closed loop crossover frequency. In general, the closed-loop crossover frequency
should be less than 1/8 of the minimum operating frequency, but for the TPS54331it is recommended that the
maximum closed loop crossover frequency be not greater than 25 kHz. Next, the required gain and phase boost
of the crossover network needs to be calculated. By definition, the gain of the compensation network must be the
inverse of the gain of the modulator and output filter. For this design example, where the ESR zero is much
higher than the closed loop crossover frequency, the gain of the modulator and output filter can be approximated
by Equation 19:
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS54331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com