Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1620 Datasheet(PDF) 1 Page - STMicroelectronics

Part # T1620
Description  SNUBBERLESS TRIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1620 Datasheet(HTML) 1 Page - STMicroelectronics

  T1620 Datasheet HTML 1Page - STMicroelectronics T1620 Datasheet HTML 2Page - STMicroelectronics T1620 Datasheet HTML 3Page - STMicroelectronics T1620 Datasheet HTML 4Page - STMicroelectronics T1620 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
T1620W
T1630W
®
April 1995
SNUBBERLESS TRIAC
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(360
° conduction angle)
Tc= 75
°C16
A
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25
°C)
tp = 16.7 ms
(1 cycle, 60 Hz)
165
A
tp = 10 ms
(1/2 cycle, 50 Hz)
195
I
2tI2t Value (half-cycle, 50 Hz)
tp = 10 ms
190
A
2s
dI/dt
Critical rate of rise of on-state current
Gate supply : IG = 500 mA
dIG /dt = 1 A/
µs.
Repetitive
F = 50 Hz
20
A/
µs
Non Repetitive
100
Tstg
Tj
Storage temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
Tl
Maximum lead temperature for soldering during 10s at 4.5 mm
from case
260
°C
ABSOLUTE RATINGS (limiting values)
ITRMS =16 A
VDRM =VRRM = 400V to 700V
EXCELLENT SWITCHING PERFORMANCES
INSULATING VOLTAGE = 1500V(RMS)
U.L. RECOGNIZED : E81734
FEATURES
Symbol
Parameter
T1620 / 1630-xxxW
Unit
400
600
700
VDRM
VRRM
Repetitive peak off-state voltage
Tj = 125
°C
400
600
700
V
The T1620/1630W triacs use high performance
glass passivated chip technology, housed in a fully
molded plastic ISOWATT220AB package.
The SNUBBERLESS
TM concept offers suppres-
sion of R-C network, and is suitable for applica-
tions such as phase control and static switch on
inductive and resistive loads.
DESCRIPTION
ISOWATT220AB
(Plastic)
A1
A2
G
A1
A2
G
1/5


Similar Part No. - T1620

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1620-600W STMICROELECTRONICS-T1620-600W Datasheet
67Kb / 5P
16A SNUBBERLESS TRIAC
Mar-2004
T1620-600W STMICROELECTRONICS-T1620-600W Datasheet
94Kb / 8P
Snubberless 16A Triacs
18-Oct-2011
logo
SiPower Inc.
T1620-600W SIPOWER-T1620-600W Datasheet
788Kb / 5P
16A Triacs
logo
STMicroelectronics
T1620-700W STMICROELECTRONICS-T1620-700W Datasheet
94Kb / 8P
Snubberless 16A Triacs
18-Oct-2011
T1620-800W STMICROELECTRONICS-T1620-800W Datasheet
67Kb / 5P
16A SNUBBERLESS TRIAC
Mar-2004
More results

Similar Description - T1620

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1020W STMICROELECTRONICS-T1020W Datasheet
64Kb / 5P
SNUBBERLESS TRIAC
Nov-1996
T1220W STMICROELECTRONICS-T1220W Datasheet
316Kb / 5P
SNUBBERLESS TRIAC
April 1995
T620W STMICROELECTRONICS-T620W Datasheet
62Kb / 5P
SNUBBERLESS TRIAC
Apr-1995
T820-XXXW STMICROELECTRONICS-T820-XXXW Datasheet
108Kb / 5P
SNUBBERLESS TRIAC
Sep-2001
T820W STMICROELECTRONICS-T820W Datasheet
62Kb / 5P
SNUBBERLESS TRIAC
Apr-1995
T1020-600W STMICROELECTRONICS-T1020-600W Datasheet
119Kb / 5P
SNUBBERLESS TRIAC
Sep-2001
T1620W STMICROELECTRONICS-T1620W_04 Datasheet
67Kb / 5P
16A SNUBBERLESS TRIAC
Mar-2004
T830-8FP STMICROELECTRONICS-T830-8FP Datasheet
105Kb / 9P
8 A Snubberless Triac
24-Sep-2012
BTA06T-600CWRG STMICROELECTRONICS-BTA06T-600CWRG Datasheet
106Kb / 8P
6 A Snubberless™ Triac
June 2010 Rev 2
T620-600W STMICROELECTRONICS-T620-600W Datasheet
72Kb / 5P
SNUBBERLESS TRIAC
Sep-2001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com