Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T630W Datasheet(PDF) 2 Page - STMicroelectronics

Part # T630W
Description  SNUBBERLESS TRIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T630W Datasheet(HTML) 2 Page - STMicroelectronics

  T630W Datasheet HTML 1Page - STMicroelectronics T630W Datasheet HTML 2Page - STMicroelectronics T630W Datasheet HTML 3Page - STMicroelectronics T630W Datasheet HTML 4Page - STMicroelectronics T630W Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PG (AV)=1 W PGM =10 W (tp = 20
µs)
IGM =4 A (tp =20
µs)
GATE CHARACTERISTICS (maximum values)
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
50
°C/W
Rth(j-c)
Junction to case for A.C (360
° conduction angle)
3.4
°C/W
THERMAL RESISTANCES
Symbol
Test Conditions
Quadrant
T620
T630
Unit
IGT
VD=12V (DC) RL=33
Tj= 25
°C
I-II-III
MAX
20
30
mA
VGT
VD=12V (DC) RL=33
Tj= 25
°C
I-II-III
MAX
1.5
V
VGD
VD=VDRM RL=3.3k
Tj= 125
°C
I-II-III
MIN
0.2
V
tgt
VD=VDRM
IG = 500mA
dlG/dt= 3A
µs
Tj= 25
°C
I-II-III
TYP
2
µs
IH *IT= 100mA
Gate open
Tj= 25
°C
MAX
35
50
VTM *ITM= 8.5A tp= 380
µs
Tj= 25
°C
MAX
1.5
V
IDRM
IRRM
VDRM rated
VRRM rated
Tj= 25
°C
MAX
10
µA
Tj= 125
°C
MAX
2
mA
dV/dt *
Linear slope up to
VD=67%VDRM
Gate open
Tj= 125
°C
MIN
200
300
V/
µs
(dV/dt)c *
(dI/dt)c = 3.3 A/ms
(see note) Tj= 125
°C
MIN
10
20
V/
µs
* For either polarity of electrode A2 voltage with reference to electrode A1.
Note : In usual applications where (dI/dt)c is below 3.3 A/ms, the (dV/dt)c is always lower than 10V/
µs, and, therefore, it is unnecessary to use
a snuber R-C network accross T620W / T630W triacs.
ELECTRICAL CHARACTERISTICS
®
T620W / 630W
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com