Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4979MD Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4979MD
Description  LOW DROP VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4979MD Datasheet(HTML) 4 Page - STMicroelectronics

  L4979MD Datasheet HTML 1Page - STMicroelectronics L4979MD Datasheet HTML 2Page - STMicroelectronics L4979MD Datasheet HTML 3Page - STMicroelectronics L4979MD Datasheet HTML 4Page - STMicroelectronics L4979MD Datasheet HTML 5Page - STMicroelectronics L4979MD Datasheet HTML 6Page - STMicroelectronics L4979MD Datasheet HTML 7Page - STMicroelectronics L4979MD Datasheet HTML 8Page - STMicroelectronics L4979MD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
L4979MD L4979D
4/10
VOLTAGE REGULATOR
Vo
Vo_ref
Output voltage
Vs = 5.6 to 31V
Io = 1 to 150mA
4.90
5.00
5.10
V
Vo
Ishort
Output short circuit current (1)
Vs = 13.5V
150
280
400
mA
Vo
Ilim
Output current limitation (1)
Vs = 13.5V
150
320
500
mA
Vs, Vo
Vline
Line regulation voltage
Vs = 5.6 to 31V
Io = 1 to 150mA
25
mV
Vo
Vload
Load regulation voltage
Io = 1 to 150mA
25
mV
Vs, Vo
Vdp
Drop voltage
Io = 150mA
200
400
mV
Vs, Vo
SVR
Ripple rejection (2)
fr = 100 Hz
55
dB
RESET
Res
Vres_l
Reset output low voltage
Rext = 5k
Ω to Vo,
Vo > 1V
0.4
V
Res
Ires_h
Reset output high leakage
current
Vres = 5V
1
µA
Res
R_p_u
Internal Pull up resistance
with respect to Vo
12
25
50
k
Ω
Res
Vo_th
Reset threshold voltage
Vs = 5.6 to 31V
Io = 1 to 150mA
6%
below
Vo_ref
8%
below
Vo_ref
10%
below
Vo_ref
Vcr
Vrhth
Reset timing high threshold
Vs = 13.5V
44%
Vo_ref
47%
Vo_ref
50%
Vo_ref
Vcr
Vrlth
Reset timing low threshold
Vs = 13.5V
10%
Vo_ref
13%
Vo_ref
16%
Vo_ref
Vcr
Icr
Charge current
Vs = 13.5V
8
17
30
µA
Vcr
Idr
Discharge current
Vs = 13.5V
8
17
30
µA
Res
trr_2
Reset delay time (3)
Vo = Vo_th -100mV
100
250
700
µs
Res
trd
Reset pulse delay
Vs = 13.5V, Ctr = 1nF
65
150
ms
WATCHDOG
Wi
Vih
Input high voltage
Vs = 13.5V
3.5
V
Wi
Vil
Input low voltage
Vs = 13.5V
1.5
V
Wi
Vih
Input hysteresis
Vs = 13.5V
300
mV
Wi
Ii
Pull down current
Vs = 13.5V
10
20
µA
Vcw
Vwhth
High threshold
Vs = 13.5V
2.20
2.35
2.50
V
Vcw
Vwlth
Low threshold
Vs = 13.5V
0.50
0.65
0.80
V
Pin
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Table 5: Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com