Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T820W Datasheet(PDF) 5 Page - STMicroelectronics

Part # T820W
Description  SNUBBERLESS TRIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T820W Datasheet(HTML) 5 Page - STMicroelectronics

  T820W Datasheet HTML 1Page - STMicroelectronics T820W Datasheet HTML 2Page - STMicroelectronics T820W Datasheet HTML 3Page - STMicroelectronics T820W Datasheet HTML 4Page - STMicroelectronics T820W Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PACKAGE MECHANICAL DATA
ISOWATT220AB
Cooling method : C
Marking : Type number
Weight : 2.1g
Recommended torque value : 0.55 m.N.
Maximum torque value : 0.70 m.N.
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned
in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied.
SGS-THO MSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express
written approval of SGS-THOMSON Microelectronics.
© 1995 SGS-THOMSON Microelectronics - Printed in Italy - All rights reserved.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
10
10.4
0.393
0.409
B
15.9
16.4
0.626
0.645
B1
9.8
10.6
0.385
0.417
C
28.6
30.6
1.126
1.204
D
16 typ
0.630 typ
E
9
9.3
0.354
0.366
H
4.4
4.6
0.173
0.181
I
3
3.2
0.118
0.126
J
2.5
2.7
0.098
0.106
L
0.4
0.7
0.015
0.027
M
2.5
2.75
0.098
0.108
N
4.95
5.2
0.195
0.204
N1
2.4
2.7
0.094
0.106
O
1.15
1.7
0.045
0.067
P
0.75
1
0.030
0.039
®
T820W / 830W
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com