Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38K02MBFP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # M38K02MBFP
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02MBFP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button M38K02MBFP Datasheet HTML 28Page - Renesas Technology Corp M38K02MBFP Datasheet HTML 29Page - Renesas Technology Corp M38K02MBFP Datasheet HTML 30Page - Renesas Technology Corp M38K02MBFP Datasheet HTML 31Page - Renesas Technology Corp M38K02MBFP Datasheet HTML 32Page - Renesas Technology Corp M38K02MBFP Datasheet HTML 33Page - Renesas Technology Corp M38K02MBFP Datasheet HTML 34Page - Renesas Technology Corp M38K02MBFP Datasheet HTML 35Page - Renesas Technology Corp M38K02MBFP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 15 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
Fig. 11 Port block diagram (2)
EXDreq output
Serial I/O input
EXDack
Serial I/O enable bit
EXTC
Serial I/O synchronous clock selection bit
EXA1
CNTR0 interrupt input
Pulse output mode
INT0 (P50), INT1 (P52) interrupt input
VCCE
VCCE
VCCE
VCCE
SRDY output enable bit
(7) Port P40
Direction register
Direction register
Direction register
Direction register
Port latch
Port latch
Port latch
Port latch
Port latch
Port latch
Port latch
Port latch
Direction register
Direction register
Direction register
Direction register
Data bus
Data bus
Data bus
Data bus
Data bus
Data bus
Data bus
Data bus
Serial I/O output
(8) Port P41
(9) Port P42
(10) Port P43
(11) Ports P50, P52
(12) Port P51
(13) Ports P53–P57
(14) Port P6
Serial I/O enable bit
Serial I/O enable bit
Serial I/O enable bit
External bus interface enable bit
External bus interface enable bit
External bus interface enable bit
External bus interface enable bit
External bus interface enable bit
External bus interface enable bit
External bus interface enable bit
Receive enable bit
Receive enable bit
Pull-up control bit
Serial I/O mode selection bit
Serial I/O mode selection bit
Timer output
Serial I/O synchronous clock selection bit
Serial I/O output
Serial I/O external clock input
Serial I/O clock output
Serial I/O enable bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com