Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12CTQ035PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 12CTQ035PBF
Description  Schottky Rectifier, 2 x 6 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

12CTQ035PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  12CTQ035PBF Datasheet HTML 1Page - Vishay Siliconix 12CTQ035PBF Datasheet HTML 2Page - Vishay Siliconix 12CTQ035PBF Datasheet HTML 3Page - Vishay Siliconix 12CTQ035PBF Datasheet HTML 4Page - Vishay Siliconix 12CTQ035PBF Datasheet HTML 5Page - Vishay Siliconix 12CTQ035PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93214
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 06-Oct-08
1
Schottky Rectifier, 2 x 6 A
12CTQ... Series
Vishay High Power Products
FEATURES
• 175 °C TJ operation
• Center tap TO-220 package
• Low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Designed and qualified for industrial level
DESCRIPTION
The 12CTQ... center tap Schottky rectifier series has been
optimized for low reverse leakage at high temperature. The
proprietary barrier technology allows for reliable operation up
to 175 °C junction temperature. Typical applications are in
switching power supplies, converters, freewheeling diodes,
and reverse battery protection.
PRODUCT SUMMARY
IF(AV)
2 x 6 A
VR
35 to 45 V
TO-220AB
Anode
1
3
Common
cathode
Base
common
cathode
2
Anode
2
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
12
A
VRRM
Range
35 to 45
V
IFSM
tp = 5 µs sine
690
A
VF
6 Apk, TJ = 125 °C (per leg)
0.53
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
12CTQ035
12CTQ040
12CTQ045
UNITS
Maximum DC reverse voltage
VR
35
40
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
See fig. 5
per leg
IF(AV)
50 % duty cycle at TC = 160 °C, rectangular waveform
6
A
per device
12
Maximum peak one cycle
non-repetitive surge current per leg
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
690
A
10 ms sine or 6 ms rect. pulse
140
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 1.20 A, L = 11.10 mH
8
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
1.20
A


Similar Part No. - 12CTQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
12CTQ035PBF VISHAY-12CTQ035PBF Datasheet
156Kb / 7P
Schottky Rectifier, 2 x 6 A
13-Aug-08
12CTQ035PBF VISHAY-12CTQ035PBF Datasheet
169Kb / 7P
Schottky Rectifier, 2 x 6 A
22-Aug-11
More results

Similar Description - 12CTQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
12CWQ03FNPBF VISHAY-12CWQ03FNPBF Datasheet
140Kb / 7P
Schottky Rectifier, 2 x 6 A
14-Jan-11
12CWQ04FNPBF VISHAY-12CWQ04FNPBF Datasheet
141Kb / 7P
Schottky Rectifier, 2 x 6 A
14-Jan-11
12CWQ10FNPBF VISHAY-12CWQ10FNPBF Datasheet
145Kb / 7P
Schottky Rectifier, 2 x 6 A
14-Jan-11
VS-12CWQ06FNPBF VISHAY-VS-12CWQ06FNPBF Datasheet
149Kb / 7P
Schottky Rectifier, 2 x 6 A
14-Jan-11
VS-12CWQ10FNPBF VISHAY-VS-12CWQ10FNPBF Datasheet
140Kb / 7P
Schottky Rectifier, 2 x 6 A
14-Jan-11
VS-12CWQ10FNTRPBF VISHAY-VS-12CWQ10FNTRPBF Datasheet
148Kb / 7P
Schottky Rectifier, 2 x 6 A
14-Jan-11
VS-12CWQ03FNPBF VISHAY-VS-12CWQ03FNPBF_15 Datasheet
139Kb / 7P
Schottky Rectifier, 2 x 6 A
14-Jan-11
VS-12CWQ04FNHM3 VISHAY-VS-12CWQ04FNHM3_15 Datasheet
105Kb / 6P
Schottky Rectifier, 2 x 6 A
21-Aug-13
VS-12CWQ04FN-M3 VISHAY-VS-12CWQ04FN-M3_15 Datasheet
141Kb / 7P
Schottky Rectifier, 2 x 6 A
03-Nov-10
VS-12CWQ04FNPBF VISHAY-VS-12CWQ04FNPBF_15 Datasheet
140Kb / 7P
Schottky Rectifier, 2 x 6 A
14-Jan-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com