Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12TQ035PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 12TQ035PBF
Description  Schottky Rectifier, 15 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

12TQ035PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  12TQ035PBF Datasheet HTML 1Page - Vishay Siliconix 12TQ035PBF Datasheet HTML 2Page - Vishay Siliconix 12TQ035PBF Datasheet HTML 3Page - Vishay Siliconix 12TQ035PBF Datasheet HTML 4Page - Vishay Siliconix 12TQ035PBF Datasheet HTML 5Page - Vishay Siliconix 12TQ035PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94137
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 05-Jun-08
1
Schottky Rectifier, 15 A
12TQ...PbF Series
Vishay High Power Products
FEATURES
• 150 °C TJ operation
• Very low forward voltage drop
• High frequency operation
• High
purity,
high
temperature
epoxy
encapsulation
for
enhanced
mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Lead (Pb)-free (“PbF” suffix)
• Designed and qualified for industrial level
DESCRIPTION
The 12TQ...PbF Schottky rectifier series has been optimized
for very low forward voltage drop, with moderate leakage.
The proprietary barrier technology allows for reliable
operation up to 150 °C junction temperature. Typical
applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
PRODUCT SUMMARY
IF(AV)
15 A
VR
35 to 45 V
TO-220AC
Anode
1
3
Cathode
Base
cathode
2
Available
Pb-free
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
15
A
VRRM
Range
35 to 45
V
IFSM
tp = 5 µs sine
990
A
VF
15 Apk, TJ = 125 °C
0.50
V
TJ
Range
- 55 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
12TQ035PbF
12TQ040PbF
12TQ045PbF
UNITS
Maximum DC reverse voltage
VR
35
40
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 120 °C, rectangular waveform
15
A
Maximum peak one cycle non-repetitive
surge current
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
990
10 ms sine or 6 ms rect. pulse
250
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 2.4 A, L = 5.5 mH
16
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
2.4
A
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 12TQ035PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
12TQ035PBF IRF-12TQ035PBF Datasheet
206Kb / 6P
SCHOTTKY RECTIFIER
More results

Similar Description - 12TQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
12TQS VISHAY-12TQS Datasheet
114Kb / 6P
Schottky Rectifier, 15 A
25-Jun-08
12TQSPBF VISHAY-12TQSPBF Datasheet
114Kb / 6P
Schottky Rectifier, 15 A
26-May-08
15TQ060 VISHAY-15TQ060 Datasheet
113Kb / 6P
Schottky Rectifier, 15 A
25-Jun-08
15TQ060S VISHAY-15TQ060S Datasheet
106Kb / 6P
Schottky Rectifier, 15 A
25-Jun-08
12TQ035SPBF VISHAY-12TQ035SPBF_10 Datasheet
112Kb / 6P
Schottky Rectifier, 15 A
12-Mar-10
15TQ060PBF VISHAY-15TQ060PBF Datasheet
143Kb / 7P
Schottky Rectifier, 15 A
17-Apr-08
VS-12TQ035SPBF VISHAY-VS-12TQ035SPBF Datasheet
158Kb / 8P
Schottky Rectifier, 15 A
12-Mar-10
VS-15TQ060SPBF VISHAY-VS-15TQ060SPBF Datasheet
148Kb / 8P
Schottky Rectifier, 15 A
12-Mar-10
VS-12TQPBF VISHAY-VS-12TQPBF Datasheet
167Kb / 7P
Schottky Rectifier, 15 A
25-Aug-11
VS-12TQPBF VISHAY-VS-12TQPBF_V01 Datasheet
135Kb / 7P
Schottky Rectifier, 15 A
25-Aug-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com