Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS055100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DS055100
Description  Feed-Through Capacitors with Band Conductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DS055100 Datasheet(HTML) 1 Page - Vishay Siliconix

  DS055100 Datasheet HTML 1Page - Vishay Siliconix DS055100 Datasheet HTML 2Page - Vishay Siliconix DS055100 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Feed-Through Capacitors with Band Conductor
www.vishay.com
For technical questions contact: powcap@vishay.com
Document Number: 22103
1
Revision: 21-Jan-02
DS 030070, DS 030110, DS 055100
Vishay Draloric
DS 030070 8 KVP
DS 030110 12 KVP
DS 055100 12 KVP
• Dimensions in millimeters (inches)
5.5 + 0.3
(0.216 + 0.01)
Holes
10 x 2 (0.394 x 0.08)
ø 45
(1.771 DIA)
ø 30
(1.181 DIA)
60
°
60
°
4.3 + 0.2
(0.169 + 0.08)
Holes
4.3 + 0.2
(0.169 + 0.08)
60
°
60
°
ø 45
(1.771 DIA)
ø 30
(1.181 DIA)
5.5 + 0.3
(0.216 + 0.01)
10 x 2 (0.394 x 0.08)
Holes
Holes
5.5 + 0.2
(0.217 + 0.008)
60
°
60
°
Holes
ø 78
(3.071 DIA)
20 x 2 (0.787 x 0.08)
8.5 + 0.2
(0.335 + 0.008)
Holes
ø 55
(2.165 DIA)
MATERIAL:
Capacitor elements made from Class 1 ceramic dielectric
with noble metal electrodes.
Connection Terminals: Copper/brass, silver plated.
FINISH:
Noble metal electrodes completely lacquered. Contoured
rims glazed.
MARKING:
Type designator, Capacitance value and tolerance, Rated
voltage (peak value), Production date code, Ceramic
material code, DRALORIC Logo.
ORDERING INFORMATION
DF 030070
8 KVP
600 pF
± 5 %
R 85
MODEL
RATED VOLTAGE
CAPACITANCE VALUE
TOLERANCE
CERAMIC


Similar Part No. - DS055100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DS055100 VISHAY-DS055100 Datasheet
86Kb / 3P
RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
03-Sep-15
DS055100WF102##BJ1 VISHAY-DS055100WF102##BJ1 Datasheet
86Kb / 3P
RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
03-Sep-15
More results

Similar Description - DS055100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DWB045120 VISHAY-DWB045120 Datasheet
175Kb / 3P
Feed-Through Capacitors with Conductor Rod
25-Feb-03
DBF050166 VISHAY-DBF050166 Datasheet
140Kb / 3P
Feed-Through Capacitors with Conductor Rod
24-Jan-02
DBZ34 VISHAY-DBZ34 Datasheet
72Kb / 2P
Feed-Through Capacitors with Conductor Rod
07-Feb-06
DB016030 VISHAY-DB016030 Datasheet
101Kb / 5P
RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
14-Sep-15
DB030088 VISHAY-DB030088 Datasheet
108Kb / 6P
RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
14-Sep-15
DB045120 VISHAY-DB045120 Datasheet
115Kb / 6P
RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
14-Sep-15
DB050110 VISHAY-DB050110 Datasheet
99Kb / 4P
RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
26-Feb-16
DBF050166HQ VISHAY-DBF050166HQ Datasheet
83Kb / 4P
RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
02-Sep-15
DS030070 VISHAY-DS030070_15 Datasheet
102Kb / 4P
RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
03-Sep-15
DS055100 VISHAY-DS055100 Datasheet
86Kb / 3P
RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
03-Sep-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com