Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD310 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TD310
Description  TRIPLE IGBT/MOS DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD310 Datasheet(HTML) 2 Page - STMicroelectronics

  TD310 Datasheet HTML 1Page - STMicroelectronics TD310 Datasheet HTML 2Page - STMicroelectronics TD310 Datasheet HTML 3Page - STMicroelectronics TD310 Datasheet HTML 4Page - STMicroelectronics TD310 Datasheet HTML 5Page - STMicroelectronics TD310 Datasheet HTML 6Page - STMicroelectronics TD310 Datasheet HTML 7Page - STMicroelectronics TD310 Datasheet HTML 8Page - STMicroelectronics TD310 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
4 - Input C
7 - C urre nt
O utput
6 - Alarm
5- E na b le
3 - Input B
2 - Input A
Co ntrol Un it
tsi
tAI
1 3 - Output C
1 1 - S e nse Input -
1 4 - Output B
1 5 - Output A
V
CC
1 2 - GND
10 - Curre nt Input -
8 - Cu rren t Input +
S tdb y
1-
0 .7V
1 6 - UVLO/Std b y
1. 2V
9 - S e nse Input +
S tdb y
UVLO
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
18
V
Vi
Input Voltage
0 to VCC
V
Vis
Sense Input Voltage
-0.3 to VCC
V
Tj
Junction Temperature
-40 to 150
oC
Tamb
Ambient Temperature
-40 to 125
oC
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4 to 16
V
INSTRUCTIONS FOR USE
1 -
The TD310 supply voltage must be decoupled with a 1
µF min. capacitor.
2 -
If the application involving TD310 requires maximum output current capability,
this current must be pulsed : pulse width 1
µsec, duty cycle 1% at Tamb.
TD310
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com