Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38K02FDFP Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # M38K02FDFP
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K02FDFP Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button M38K02FDFP Datasheet HTML 78Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 79Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 80Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 81Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 82Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 83Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 84Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 85Page - Renesas Technology Corp M38K02FDFP Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 65 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
#0
#1
TxB_RDY
TxB_RDY
#0
#1
➀
➀
➁
➁
➁’
➁’
➂
➂
Address ExA0
Chip select ExCS
Read ExRD
Write ExWR
Data DQ0 to DQ7
Internal clock
φ
Interrupt request ExINT
[TxB_RDY]
Transmit buffer empty bit
TXB_EMPTY
Receive buffer RXBUF
Transmit buffer TXBUF
CPU channel transmit enable bit
TXB_ENB
Transmit data write
<Initial setting>
External I/O configuration register
INT_CTR[3:1] (P33/ExINT pin control) = 0102 (TxB_RDY interrupt)
<Operation start>
EXB interrupt source enable register
TXB_ENB (CPU channel transmit enable) = “1” (Transmit buffer empty interrupt enabled)
➀ Writing the command for enabling operation generates TXB_EMPTY interrupt.
If the CPU channel transmit enable bit (TXB_ENB) is “0”, both the transmit buffer empty bit (TXB_EMPTY) and the transmit buffer ready signal (TxB_RDY) to
an external are inactive.
➁ When the CPU writes the data into the transmit buffer (TXBUF) with an interrupt processing program, the transmit buffer empty bit (TXB_EMPTY) is cleared
to “0” and assertion of the transmit buffer ready signal (TxB_RDY) to an external is made.
➂ When a read operation is performed from an external MCU bus in the condition of ExCS = “L” and ExA0 = “H”, it will result in as follows:
• The contents of the transmit buffer (TXBUF) is read out
• The transmit buffer empty bit (TXB_EMPTY) is set to “1”
• Negation of the transmit buffer ready signal (TxB_RDY) to an external is made.
A0 = “1”
CS = “0”
A0 = “1”
CS = “0”
(2) CPU Channel Transmitting Operation
CPU channel transmitting operation is shown bellow.
Fig. 93 CPU channel tranmitting operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com