Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2MP03SF Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2MP03SF
Description  High-Frequency General-Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2MP03SF Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2MP03SF Datasheet HTML 1Page - Sanyo Semicon Device 2MP03SF Datasheet HTML 2Page - Sanyo Semicon Device 2MP03SF Datasheet HTML 3Page - Sanyo Semicon Device 2MP03SF Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2MP03SF
No.8379-2/4
Package Dimensions
unit : mm
7029-002
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector Current, IC -- mA
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
fT -- IC
Collector Current, IC -- mA
IT09532
0
--2
--4
--6
--8
--10
0
--2
--4
--6
--8
--10
IB=0µA
--70µA
--60
µA
--50µA
--40µA
--30
µA
--20
µA
--10
µA
IT09533
IT09921
23
5
7
--0.1
--1.0
23
5
23
5
7 --10
3
5
2
100
7
3
VCE= --6V
IT09540
23
5
7
--1.0
--10
23
5
7
3
3
2
5
5
100
1000
10
7
2
V
CE =
--12V
--6V
f=100MHz
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
0
--10
--20
--30
--40
VCE= --6V
0.25
0.2
1.4
0.45
1
3
2
0.1
2
3
1
Top View
Bottom View
1 : Base
2 : Emitter
3 : Collector
SANYO : SSFP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com