Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2344P Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC2344P
Description  High-Voltage Switching, AF Power Amp,100W Output Predriver Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC2344P Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC2344P Datasheet HTML 1Page - Sanyo Semicon Device 2SC2344P Datasheet HTML 2Page - Sanyo Semicon Device 2SC2344P Datasheet HTML 3Page - Sanyo Semicon Device 2SC2344P Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1011P / 2SC2344P
No.8522-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Turn-On Time
ton
See specified Test Circuit.
(0.29)0.15
µs
Storage Time
tstg
See specified Test Circuit.
(0.48)0.81
µs
Fall Time
tf
See specified Test Circuit.
(0.19)0.48
µs
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7507-001
IT02132
IC -- VCE
Collector to Emitter Voltage, VCE -- V
0
--10
--20
--30
--40
--50
0
--0.2
--0.4
--0.8
--0.6
--1.0
0
--0.8
--0.4
--1.2
--2.0
--1.6
--2.4
IT02134
IC -- VBE
Base to Emitter Voltage, VBE -- V
0--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
IT02133
IC -- VCE
Collector to Emitter Voltage, VCE -- V
010
20
304050
0
0.2
0.4
0.8
0.6
1.0
IT02135
Base to Emitter Voltage, VBE -- V
0
1.0
1.2
1.4
0.6
0.8
0.4
0.2
0
1.2
1.6
2.0
2.4
0.8
0.4
IC -- VBE
--1mA
--2mA
--3mA
--4mA
--5mA
--6mA
--7mA
--8mA
IB=0mA
1mA
2mA
3mA
4mA
5mA
6mA
7mA
8mA
IB=0mA
2SA1011P
2SC2344P
2SA1011P
VCE= --5V
2SC2344P
VCE=5V
10.2
5.1
4.5
1.3
3.6
1.2
0.8
0.4
2.55
2.55
12
3
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-220
200VR
1
Ω
VCC=20V
VBE=--2V
51
Ω
INPUT
OUTPUT
40
Ω
1
µF1µF
PW=20
µs
IB1
IB2
IC=10IB1=--10IB2=0.5A
For PNP, minus sign is omitted.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com