Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EBC
Description  Aluminum Capacitors Axial Capacitor Style
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EBC Datasheet(HTML) 2 Page - Vishay Siliconix

  EBC Datasheet HTML 1Page - Vishay Siliconix EBC Datasheet HTML 2Page - Vishay Siliconix EBC Datasheet HTML 3Page - Vishay Siliconix EBC Datasheet HTML 4Page - Vishay Siliconix EBC Datasheet HTML 5Page - Vishay Siliconix EBC Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EBC
Vishay Roederstein
Aluminum Capacitors
Axial Capacitor Style
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25142
2
Revision: 23-Jun-08
Axial style capacitors are insulated.
Note
Unless
otherwise
specified,
all
electrical
values
apply
at
Ta = 20 °C, P = 80 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
The following table gives the ordering number.
The 16th place of ordering code refers to packaging for axial
lead capacitors:
MALAEBC00FL210J...
EBC 1000 µF 63 V 8 x 18
MALAEBC00FL210JA0W
A = taped on reel
MALAEBC00FL210JB0W
B = taped ammo
Please see table “Axial Styles” for available versions.
DIMENSIONS in millimeters AND AVAILABLE FORMS
B
Ø d
Ø D
L
L
Ø d
A
+
AXIAL: DIMENSIONS in millimeters, MASS, PACKAGING AND ORDERING CODE
CASE SIZE
Ø D x L
LEAD
Ø d
Ø Dmax.
Lmax.
Amin.
B
WEIGHT
APPROX.
g
PACKAGING, ENDING OF ORDERING CODE,
QUANTITIES
TAPED ON REEL
TAPED AMMO
code
pieces
code
pieces
6.5 x 18
0.8
6.9
18.5
25
73.0 ± 1.6
1.3
..A0W
1000
..B0W
1000
8 x 18
0.8
8.5
18.5
25
73.0 ± 1.6
1.7
..A0W
500
..B0W
500
10 x 18
0.8
10.5
18.5
25
73.0 ± 1.6
2.5
..A0W
500
..B0W
500
10 x 25
0.8
10.5
25.5
30
73.0 ± 1.6
3.3
..A0W
500
..B0W
500
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz
UR
rated voltage
tan
δ
max. dissipation factor at 100 Hz
RESR
equivalent series resistance at 100 Hz, (calculated
from tan
δ
max. and CR)
Z
max. impedance at 10 kHz
IR
rated alternating current (rms) at 100 Hz and
upper category temperature
Ta
ambient temperature
Tuc
upper category temperature
RH
relative humidity
P
ambient pressure



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com