Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D18NF03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # D18NF03L
Description  N-channel 30V - 0.038Ω - 17A - DPAK STripFET??II Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D18NF03L Datasheet(HTML) 1 Page - STMicroelectronics

  D18NF03L Datasheet HTML 1Page - STMicroelectronics D18NF03L Datasheet HTML 2Page - STMicroelectronics D18NF03L Datasheet HTML 3Page - STMicroelectronics D18NF03L Datasheet HTML 4Page - STMicroelectronics D18NF03L Datasheet HTML 5Page - STMicroelectronics D18NF03L Datasheet HTML 6Page - STMicroelectronics D18NF03L Datasheet HTML 7Page - STMicroelectronics D18NF03L Datasheet HTML 8Page - STMicroelectronics D18NF03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 2007
Rev 1
1/13
13
STD18NF03L
N-channel 30V - 0.038
Ω - 17A - DPAK
STripFET™ II Power MOSFET
Features
■ Exceptional dv/dt capability
■ Low gate charge at 100°C
■ Application oriented characterization
■ 100% avalanche tested
Description
This Power MOSFET is the latest development of
STMicroelectronics unique "Single Feature Size"
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a
remarkable manufacturing reproducibility.
Application
■ Switching applications
– Automotive
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STD18NF03L
30V
<0.05
Ω
17A
DPAK
1
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STD18NF03L
D18NF03L
DPAK
Tape & reel
www.st.com


Similar Part No. - D18NF03L

ManufacturerPart #DatasheetDescription
logo
WM Berg Inc.
D18-1 WMBERG-D18-1 Datasheet
90Kb / 1P
DOWEL SOFT PINS
logo
PANDUIT CORP.
D18-145M PANDUIT-D18-145M Datasheet
67Kb / 1P
NON-INSULATED MALE TAB
D18-187 PANDUIT-D18-187 Datasheet
69Kb / 1P
NON-INSULATED FEMALE DISCONNECT, SLEEVED BARREL (.188 SERIES)
D18-187-C PANDUIT-D18-187-C Datasheet
69Kb / 1P
NON-INSULATED FEMALE DISCONNECT, SLEEVED BARREL (.188 SERIES)
D18-187-M PANDUIT-D18-187-M Datasheet
69Kb / 1P
NON-INSULATED FEMALE DISCONNECT, SLEEVED BARREL (.188 SERIES)
More results

Similar Description - D18NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD17NE03L STMICROELECTRONICS-STD17NE03L Datasheet
92Kb / 9P
N - CHANNEL 30V - 0.034ohm - 17A - DPAK/IPAK STripFET POWER MOSFET
Jun-1999
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET™ POWER MOSFET
Aug-2000
STD35NF3LL STMICROELECTRONICS-STD35NF3LL Datasheet
468Kb / 10P
N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET™ II POWER MOSFET
Feb-2002
STD60NF3LL STMICROELECTRONICS-STD60NF3LL Datasheet
452Kb / 9P
N-CHANNEL 30V - 0.0075ohm - 60A DPAK STripFET™ II POWER MOSFET
Apr-2002
STD17NF03L STMICROELECTRONICS-STD17NF03L_07 Datasheet
312Kb / 14P
N-channel 30V - 0.038ohm - 17A - DPAK/IPAK STripFET TM II Power MOSFET
19-Feb-2007
STD30NF03L STMICROELECTRONICS-STD30NF03L_07 Datasheet
330Kb / 14P
N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
20-Feb-2007
STD30NF03LT STMICROELECTRONICS-STD30NF03LT Datasheet
312Kb / 13P
N-channel 30V - 0.017ohm - 30A - DPAK STripFET TM II Power MOSFET
20-Feb-2007
STD35NF3LL STMICROELECTRONICS-STD35NF3LL_07 Datasheet
318Kb / 13P
N-channel 30V - 0.014ohm - 35A - DPAK STripFET TM II Power MOSFET
20-Feb-2007
logo
Texas Instruments
STD60NF3LL TI-STD60NF3LL_06 Datasheet
404Kb / 13P
N-channel 30V - 0.0075廓 - 60A - DPAK STripFET??II Power MOSFET
logo
STMicroelectronics
STD1703L STMICROELECTRONICS-STD1703L Datasheet
981Kb / 10P
N-CHANNEL 30V - 0.038Ω - 17A - DPAK STripFET™ II MOSFET
Apr-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com