Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ECV
Description  Aluminum Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ECV Datasheet(HTML) 2 Page - Vishay Siliconix

  ECV Datasheet HTML 1Page - Vishay Siliconix ECV Datasheet HTML 2Page - Vishay Siliconix ECV Datasheet HTML 3Page - Vishay Siliconix ECV Datasheet HTML 4Page - Vishay Siliconix ECV Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25003
284
Revision: 13-Nov-08
ECV
Vishay Roederstein
Aluminum Capacitors
Note
Unless
otherwise
specified,
all
electrical
values
apply
at
Tamb =20 °C, P = 86 to 106 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
ECV 220 µF/35 V, ± 20 %, size 10 x 10 mm
Ordering code: MALSECV00AG322FARK
For Standard Packaging Quantity (SPQ) and Minimum Order
Quantity (MOQ) please refer to our price list or contact
customer service.
DIMENSIONS in millimeters
CASE SIZE
CODE
D ±
α
L ±
α
A ±
α
B ±
α
C ±
α
E ±
α
RN
P
BB
4 ± 0.5
5.3 ± 0.2
1.9 ± 0.2
4.3 ± 0.2
4.3 ± 0.2
1.0 ± 0.2
0.5 ~ 0.8
0.3
0.5
BC
5 ± 0.5
5.3 ± 0.2
2.3 ± 0.2
5.3 ± 0.2
5.3 ± 0.2
1.4 ± 0.2
0.5 ~ 0.8
0.3
0.5
AD
6.3 ± 0.5
5.8 ± 0.3
2.4 ± 0.2
6.6 ± 0.2
6.6 ± 0.2
2.2 ± 0.2
0.5 ~ 0.8
0.3
0.5
BM
6.3 ± 0.5
7.7 ± 0.4
2.4 ± 0.2
6.6 ± 0.2
6.6 ± 0.2
2.2 ± 0.2
0.5 ~ 0.8
0.3
0.5
AE
8 ± 0.5
6.2 ± 0.4
3.3 ± 0.2
8.3 ± 0.2
8.3 ± 0.2
2.3 ± 0.2
0.5 ~ 0.8
0.3
0.5
AF
8 ± 0.5
10 ± 0.5
2.9 ± 0.2
8.3 ± 0.2
8.3 ± 0.2
3.1 ± 0.2
0.8 ~ 1.1
0.3
0.5
AG
10 ± 0.5
10 ± 0.5
3.2 ± 0.2
10.3 ± 0.2
10.3 ± 0.2
4.5 ± 0.2
0.8 ~ 1.1
0.3
0.5
AH
12.5 ± 0.5
13.5 ± 0.5
4.6 ± 0.2
12.8 ± 0.2
12.8 ± 0.2
4.5 ± 0.2
1.1 ~ 1.4
0.3
0.5
C ±
α
Capacitance
Lot no.
Voltage
Plastic plateform
L ±
α
E ±
α
N max.
P max.
R
Positive
Negative
-
+
-
+
ELECTRICAL DATA
SYMBOL
DESCRIPTION
UR
rated voltage
CR
rated capacitance at 120 Hz
tan
δ
max. dissipation factor at 120 Hz
RESR
max. equivalent series resistance at 120 Hz
IR
rated alternating current at 120 Hz and upper
catagory temperature
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
DIMENSIONS
DxL
(mm)
tan
δ
120 Hz
RESR
120 Hz/20 °C
(
Ω)
IR
120 Hz/105 °C
(mA)
WEIGHT
(g)
CATALOG NUMBER
6.3
47
5 x 5.3
0.22
6.21
36
0.17
MALSECV00BC247BARK
330
8 x 10
0.28
1.13
288
1.00
MALSECV00AF333BARK
1500
10 x 10
0.28
0.25
560
1.21
MALSECV00AG415BARK
2200
12.5 x 13.5
0.28
0.17
730
2.00
MALSECV00AH422BARK
10
100
6.3 x 5.8
0.19
2.52
60
0.30
MALSECV00AD310CARK
220
8 x 10
0.24
1.45
173
1.00
MALSECV00AF322CARK
470
10 x 10
0.24
0.68
351
1.21
MALSECV00AG347CARK
1000
10 x 10
0.24
0.32
550
1.21
MALSECV00AG410CARK
1500
12.5 x 13.5
0.24
0.21
650
2.00
MALSECV00AH415CARK
16
10
4 x 5.3
0.16
21.22
17
0.12
MALSECV00BB210DARK
33
6.3 x 5.8
0.16
6.43
40
0.30
MALSECV00AD233DARK
47
6.3 x 5.8
0.16
4.52
50
0.30
MALSECV00AD247DARK
220
10 x 10
0.20
1.21
330
1.21
MALSECV00AG322DARK
330
10 x 10
0.20
0.80
441
1.21
MALSECV00AG333DARK
470
10 x 10
0.20
0.56
489
1.21
MALSECV00AG347DARK
1000
12.5 x 13.5
0.20
0.27
600
2.00
MALSECV00AH410DARK



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com