Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1175P Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA1175P
Description  LOW-NOISE VERTICAL DEFLECTION SYSTEM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1175P Datasheet(HTML) 2 Page - STMicroelectronics

  TDA1175P Datasheet HTML 1Page - STMicroelectronics TDA1175P Datasheet HTML 2Page - STMicroelectronics TDA1175P Datasheet HTML 3Page - STMicroelectronics TDA1175P Datasheet HTML 4Page - STMicroelectronics TDA1175P Datasheet HTML 5Page - STMicroelectronics TDA1175P Datasheet HTML 6Page - STMicroelectronics TDA1175P Datasheet HTML 7Page - STMicroelectronics TDA1175P Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
OSCILLATOR
VOLTAGE
REGULATOR
BUFFER
STAGE
SYNC
CIRCUIT
RAMP
GENERATOR
FLYBACK
GENERATOR
SYNC
YOKE
LINEARITY
TABS
HEIGHT
FREQ
C1
P3
P2
RA
C
C3
2
R
R
B
C
RD
RE
RF
C6
C7
C5
C8
C9
R
RH
G
C4
DA
+VS
8
11
10
2
916
1
14
15
6
37
POWER
AMPLIFIER
PREAMPLIFIER
P1
TDA1175P
12
5
413
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vs
Supply Voltage at Pin 2
35
V
V6,V7
Flyback Peak Voltage
60
V
V14
Power Amplifier Input Voltage
+ 10
– 0.5
V
V
Io
Output Peak Current (non repetitive) at t = 2ms
2
A
Io
Output Peak Current at f = 50Hz, t
≤ 10µs
2.5
A
Io
Output Peak Current at f = 50Hz, t > 10
µs
1.5
A
I3
Pin 3 DC Current at V6 <V2
100
mA
I3
Pin 3 Peak to Peak Flyback Current for f = 50Hz, tfly
≤ 1.5ms
1.8
A
I10
Pin 10 Current
± 20
mA
Ptot
Power Dissipation : at Ttab =90
°C
at Tamb =70
°C (free air) (1)
4.3
1
W
W
Tstg,Tj
Storage and Junction Temperature
– 40, + 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-tab)
Thermal Resistance Junction-pin
Max.
12
°C/W
Rth (j-amb)
Thermal Resistance Junction-ambient
Max.
80
°C/W(1)
(1) Obtained with tabs soldered to printed circuit with minimized copper area.
TDA1175P
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com