Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1175 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA1175
Description  LOW-NOISE VERTICAL DEFLECTION SYSTEM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1175 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA1175 Datasheet HTML 1Page - STMicroelectronics TDA1175 Datasheet HTML 2Page - STMicroelectronics TDA1175 Datasheet HTML 3Page - STMicroelectronics TDA1175 Datasheet HTML 4Page - STMicroelectronics TDA1175 Datasheet HTML 5Page - STMicroelectronics TDA1175 Datasheet HTML 6Page - STMicroelectronics TDA1175 Datasheet HTML 7Page - STMicroelectronics TDA1175 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1
2
36
7
89
10
11
14
15
16
22k
Ω
470pF
220k
Ω
910k
Ω
0.1
µF
100k
Ω
47k
Ω
0.1
µF
3.3
Ω
100pF
0.1
µF
5.6k
Ω
10
µF
5.6k
Ω
100k
Ω
120k
Ω
1.8k
Ω
P1
100k
Ω
220k
Ω
C9
0.1
µF
Yoke
Ry = 10
Ω
Ly = 20mH
560
Ω*
1000
µF
1
Ω
SYNC.
INPUT
TABS
1N4001
470
µF
100
µF
0.1
µF
V
= 22V
S
* on application only
TDA1175P
R1
Figure 2 : AC Test and Application Circuit for Large Screen B/W TV Set 10
Ω/20mH/1APP
1
2
3
45
6
7
10
16
11
12
13
15
C6
0.1
µF
C7
0.1
µF
R4
1M
Ω
9
R2
82k
Ω
P1
100k
Ω
8
C4
0.15
µF
C3
100
µF
35V
R1
3.3k
Ω
D1
1N4007
C2
1000
µF
35V
C1
0.1
µF
V
(26V)
S
R12
220k
Ω
C9
C10 560pF
3.3nF
TDA1175P
R13
3. 3
Ω
C11
0. 1
µF
P3
50k
Ω
V.LIN
R6
56k
Ω
R8
47k
Ω
R10
0.82
Ω
R9
5.1k
Ω
14
R11
R7
2.7k
Ω
27k
Ω
C8
22
µF
35V
R3
240k
Ω
C5
1.8nF
V. SIZE
P2
220k
Ω
R5
200k
Ω
V. FREQ
Y1
YOKE
R14
220
Ω
1/2W
C12
470
µF
50V
Figure 3 : Typical Application Circuit for VGA Monitor (RY =10
Ω,LY = 20mH, IY = 0.8APP)
TDA1175P
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com