Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKB Datasheet(PDF) 6 Page - Vishay Siliconix

Part # EKB
Description  Aluminum Capacitors Radial Style
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EKB Datasheet(HTML) 6 Page - Vishay Siliconix

  EKB Datasheet HTML 1Page - Vishay Siliconix EKB Datasheet HTML 2Page - Vishay Siliconix EKB Datasheet HTML 3Page - Vishay Siliconix EKB Datasheet HTML 4Page - Vishay Siliconix EKB Datasheet HTML 5Page - Vishay Siliconix EKB Datasheet HTML 6Page - Vishay Siliconix EKB Datasheet HTML 7Page - Vishay Siliconix EKB Datasheet HTML 8Page - Vishay Siliconix EKB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Document Number: 25013
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 24-Jun-08
303
EKB
Aluminum Capacitors
Radial Style
Vishay Roederstein
100
2.2
5 x 11
0.08
48.23
26
0.45
MALREKB00AA122L00K
3.3
5 x 11
0.08
32.15
32
0.45
MALREKB00AA133L00K
4.7
5 x 11
0.08
22.58
38
0.45
MALREKB00AA147L00K
6.8
5 x 11
0.08
15.60
46
0.45
MALREKB00AA168L00K
10
5 x 11
0.08
10.61
56
0.45
MALREKB00AA210L00K
15
6.3 x 11
0.08
7.07
78
0.46
MALREKB00BA215L00K
22
6.3 x 11
0.08
4.82
95
0.46
MALREKB00BA222L00K
33
8 x 11.5
0.08
3.22
137
1.10
MALREKB00PB233L00K
47
10 x 12.5
0.08
2.26
190
2.05
MALREKB00DC247L00K
68
10 x 16
0.08
1.56
251
2.20
MALREKB00DD268L00K
100
10 x 20
0.08
1.06
332
3.10
MALREKB00DE310L00K
150
12.5 x 20
0.08
0.71
477
4.00
MALREKB00FE315L00K
220
12.5 x 25
0.08
0.48
630
5.00
MALREKB00FG322L00K
330
16 x 25
0.08
0.32
856
8.50
MALREKB00JG333L00K
470
16 x 25
0.08
0.23
1021
8.50
MALREKB00JG347L00K
680
16 x 31.5
0.08
0.16
1344
10.0
MALREKB00JS368L00K
1000
18 x 40
0.08
0.11
1925
14.6
MALREKB00KK410L00K
160
4.7
6.3 x 11
0.15
42.33
34
0.46
MALREKB00BA147M00K
6.8
8 x 11.5
0.15
29.26
49
1.10
MALREKB00PB168M00K
68
12.5 x 25
0.15
2.93
273
5.00
MALREKB00FG268M00K
100
12.5 x 25
0.15
1.99
331
5.00
MALREKB00FG310M00K
150
16 x 25
0.15
1.33
450
8.50
MALREKB00JG315M00K
220
16 x 31.5
0.15
0.90
596
10.0
MALREKB00JS322M00K
330
18 x 35.5
0.15
0.60
822
14.0
MALREKB00KL333M00K
470
18 x 40
0.15
0.42
1015
14.6
MALREKB00KK347M00K
200
3.3
6.3 x 11
0.15
60.29
29
0.46
MALREKB00BA133S00K
22
10 x 16
0.15
9.04
111
2.20
MALREKB00DD222S00K
33
10 x 20
0.15
6.03
149
3.10
MALREKB00DE233S00K
47
12.5 x 20
0.15
4.23
208
4.00
MALREKB00FE247S00K
68
16 x 20
0.15
2.93
279
6.00
MALREKB00JE268S00K
100
16 x 25
0.15
1.99
368
8.50
MALREKB00JG310S00K
150
16 x 35.5
0.15
1.33
517
11.0
MALREKB00JL315S00K
220
18 x 35.5
0.15
0.90
671
14.0
MALREKB00KL322S00K
330
18 x 40
0.15
0.60
850
14.6
MALREKB00KK333S00K
250
2.2
6.3 x 11
0.15
90.43
23
0.46
MALREKB00BA122N00K
4.7
8 x 11.5
0.15
42.33
40
1.10
MALREKB00PB147N00K
6.8
10 x 12.5
0.15
29.26
56
2.05
MALREKB00DC168N00K
10
10 x 12.5
0.15
19.89
68
2.05
MALREKB00DC210N00K
15
10 x 16
0.15
13.26
92
2.20
MALREKB00DD215N00K
22
10 x 20
0.15
9.04
121
3.10
MALREKB00DE222N00K
33
12.5 x 20
0.15
6.03
175
4.00
MALREKB00FE233N00K
47
12.5 x 25
0.15
4.23
227
5.00
MALREKB00FG247N00K
68
16 x 25
0.15
2.93
303
8.50
MALREKB00JG268N00K
100
16 x 31.5
0.15
1.99
402
10.0
MALREKB00JS310N00K
150
18 x 35.5
0.15
1.33
554
14.0
MALREKB00KL315N00K
220
18 x 40
0.15
0.90
694
14.6
MALREKB00KK322N00K
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V)
CR
120 Hz
(µF)
DIMENSIONS
DxL
(mm)
tan
δ
120 Hz
RESR
120 Hz
(
Ω)
IR
120 Hz/105 °C
(mA)
WEIGHT
(g)
CATALOG
NUMBER
(Long Leads)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com