Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1220B Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA1220B
Description  AM-FM QUALITY RADIO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1220B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA1220B Datasheet HTML 9Page - STMicroelectronics TDA1220B Datasheet HTML 10Page - STMicroelectronics TDA1220B Datasheet HTML 11Page - STMicroelectronics TDA1220B Datasheet HTML 12Page - STMicroelectronics TDA1220B Datasheet HTML 13Page - STMicroelectronics TDA1220B Datasheet HTML 14Page - STMicroelectronics TDA1220B Datasheet HTML 15Page - STMicroelectronics TDA1220B Datasheet HTML 16Page - STMicroelectronics TDA1220B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
APPLICATION INFORMATION (continued)
Figure 14. Low cost 27 MHz receiver
Figure 17. Low cost 27 MHz receiver with external xtal oscillator
Figure 15. L2 Oscillator coil
Figure 16. L1 Antenna Coil
Coil support: Toko 10K
Primary winding: 10 Turns of enamelled cop-
per wire 0.16 mm diameter (pins 3-1).
Secondary winding: 4 Turns copper wire
0.16 mm diameter (pins 6-4)
Coil support: Toko 10K
Primary winding: as L2 (pins 3-1)
Secondary winding: 2 Turns copper wire
0.16 mm diameter (pins 6-4)
13/18
TDA1220B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com