Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18TQ035PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 18TQ035PBF
Description  Schottky Rectifier, 18 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

18TQ035PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  18TQ035PBF Datasheet HTML 1Page - Vishay Siliconix 18TQ035PBF Datasheet HTML 2Page - Vishay Siliconix 18TQ035PBF Datasheet HTML 3Page - Vishay Siliconix 18TQ035PBF Datasheet HTML 4Page - Vishay Siliconix 18TQ035PBF Datasheet HTML 5Page - Vishay Siliconix 18TQ035PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 94149
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 16-Apr-08
1
Schottky Rectifier, 18 A
18TQ...PbF Series
Vishay High Power Products
FEATURES
• 175 °C TJ operation
• Low forward voltage drop
• High frequency operation
• High
purity,
high
temperature
epoxy
encapsulation
for
enhanced
mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long term
reliability
• Lead (Pb)-free (“PbF” suffix)
• Designed and qualified for industrial level
DESCRIPTION
The 18TQ...PbF Schottky rectifier series has been optimized
for low reverse leakage at high temperature. The proprietary
barrier technology allows for reliable operation up to 175 °C
junction temperature. Typical applications are in switching
power supplies, converters, freewheeling diodes, and
reverse battery protection.
PRODUCT SUMMARY
IF(AV)
18 A
VR
35 to 50 V
TO-220AC
Anode
1
3
Cathode
Base
cathode
2
Available
Pb-free
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
18
A
VRRM
Range
35 to 50
V
IFSM
tp = 5 µs sine
1800
A
VF
18 Apk, TJ = 125 °C
0.53
V
TJ
Range
- 55 to 175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
18TQ035PbF
18TQ040PbF
18TQ045PbF
18TQ050PbF
UNITS
Maximum DC reverse voltage
VR
35
40
45
50
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 149 °C, rectangular waveform
18
A
Maximum peak one cycle
non-repetitive surge current
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
1800
10 ms sine or 6 ms rect. pulse
390
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 3.6 A, L = 3.7 mH
24
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 µs
Frequency limited by TJ maximum VA = 1.5 x VR typical
3.6
A
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 18TQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
18TQ035PBF VISHAY-18TQ035PBF Datasheet
164Kb / 7P
Schottky Rectifier, 18 A
10-Nov-09
More results

Similar Description - 18TQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
18TQ VISHAY-18TQ Datasheet
109Kb / 6P
Schottky Rectifier, 18 A
25-Jun-08
18TQS VISHAY-18TQS Datasheet
114Kb / 6P
Schottky Rectifier, 18 A
25-Jun-08
18TQSPBF VISHAY-18TQSPBF Datasheet
117Kb / 6P
Schottky Rectifier, 18 A
26-May-08
18TQ035SPBF VISHAY-18TQ035SPBF_10 Datasheet
159Kb / 8P
Schottky Rectifier, 18 A
12-Mar-10
18TQ050PBF VISHAY-18TQ050PBF Datasheet
164Kb / 7P
Schottky Rectifier, 18 A
10-Nov-09
VS-18TQ035SPBF VISHAY-VS-18TQ035SPBF Datasheet
158Kb / 8P
Schottky Rectifier, 18 A
12-Mar-10
VS-18TQ0PBF VISHAY-VS-18TQ0PBF Datasheet
179Kb / 7P
Schottky Rectifier, 18 A
11-Oct-12
VS-18TQ0HN3 VISHAY-VS-18TQ0HN3 Datasheet
161Kb / 7P
High Performance Schottky Rectifier, 18 A
05-Mar-14
VS-18TQ035S-M3 VISHAY-VS-18TQ035S-M3 Datasheet
192Kb / 8P
High Performance Schottky Rectifier, 18 A
25-Feb-14
VS-18TQ035-M3 VISHAY-VS-18TQ035-M3 Datasheet
165Kb / 7P
High Performance Schottky Rectifier, 18 A
23-Nov-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com