Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ES1A
Description  Surface Mount Ultrafast Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES1A Datasheet(HTML) 2 Page - Vishay Siliconix

  ES1A Datasheet HTML 1Page - Vishay Siliconix ES1A Datasheet HTML 2Page - Vishay Siliconix ES1A Datasheet HTML 3Page - Vishay Siliconix ES1A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ES1A thru ES1D
Vishay General Semiconductor
Document Number: 88586
Revision: 27-Aug-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
651
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Note:
(1) Units mounted on P.C.B. 5.0 x 5.0 mm (0.013 mm thick) land areas
Note:
(1) Automotive grade AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Maximum instantaneous forward voltage
IF = 0.6 A
(1)
IF = 1.0 A
VF
0.865
0.920
V
Maximum DC reverse current at rated
DC blocking voltage
TA = 25 °C
TA = 100 °C
IR
5.0
100
µA
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A, lrr = 0.25 A
trr
15
ns
Maximum reverse recovery time
IF = 0.6 A, VR = 30 V,
dI/dt = 50 A/µs, Irr =10 % IRM
TJ = 25 °C
TJ = 100 °C
trr
25
35
ns
Maximum stored charge
IF = 0.6 A, VR = 30 V,
dI/dt = 50 A/µs, Irr =10 % IRM
TJ = 25 °C
TJ = 100 °C
Qrr
10
25
nC
Typical junction capacitance
4.0 V, 1 MHz
CJ
10
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
ES1A
ES1B
ES1C
ES1D
UNIT
Typical thermal resistance (1)
RθJA
RθJL
85
35
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
ES1D-E3/61T
0.064
61T
1800
7" diameter plastic tape and reel
ES1D-E3/5AT
0.064
5AT
7500
13" diameter plastic tape and reel
ES1DHE3/61T (1)
0.064
61T
1800
7" diameter plastic tape and reel
ES1DHE3/5AT (1)
0.064
5AT
7500
13" diameter plastic tape and reel
Figure 1. Maximum Forward Current Derating Curve
0
1.2
80
90
100
110
120
130
140
150
0.8
1.0
0.2
0.4
0.6
Lead Temperature (°C)
Resistive or Inductive Load
P.C.B. Mounted on
0.2 x 0.2" (5.0 x 5.0 mm)
Copper Pad Areas
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
1
10
100
5
10
15
20
25
30
0
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com