Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES07B-GS08 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ES07B-GS08
Description  Small Surface Mount Ultrafast Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES07B-GS08 Datasheet(HTML) 2 Page - Vishay Siliconix

  ES07B-GS08 Datasheet HTML 1Page - Vishay Siliconix ES07B-GS08 Datasheet HTML 2Page - Vishay Siliconix ES07B-GS08 Datasheet HTML 3Page - Vishay Siliconix ES07B-GS08 Datasheet HTML 4Page - Vishay Siliconix ES07B-GS08 Datasheet HTML 5Page - Vishay Siliconix ES07B-GS08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 85737
Rev. 1.7, 13-Apr-05
ES07B / ES07D
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
3) Pulse test, 300
µs pulse with 1 % duty cycle
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Maximum instantaneous
forward voltage
1.0 A3)
VF
0.98
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25°C
IR
10
µA
TA = 100°C
IR
50
µA
Reverse recovery time
IF = 0.5 A, IR = 1 A, Irr = 0.25 A
trr
25
ns
Typical capacitance
4 V, 1 MHz
Cj
4pF
Figure 1. Typical Forward Characteristics
Figure 2. Forward Current Derating Curve
0,001
0,01
0,1
1
10
0,00
0,20
0,40
0,60
0,80
1,00
1,20
1,40
VF[V]
typical @ 25°C
typical @ 150°C
typical @ 100°C
18242
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
0
25
50
75
100
125
150
Temperature (Ambient or Tie) [°C]
ambient temperature
tie point temperature
18243
Figure 3. Typ. Diode Capacitance vs. Reverse Voltage
Figure 4. Typical Reverse Characteristics
0,00
1,00
2,00
3,00
4,00
5,00
6,00
7,00
0,1
1
10
100
VR [V]
f= 1MHz
18244
0
20
40
60
80
100
120
140
160
180
200
VR[V]
TJ=25°C
TJ=50°C
TJ=75°C
TJ=100°C
TJ=125°C
TJ=150°C
TJ=0°C
TJ=-50°C
1000
100
10
1
0,1
0,01
18245



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com