Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESH2PC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ESH2PC
Description  High Current Density Surface Mount Ultrafast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ESH2PC Datasheet(HTML) 1 Page - Vishay Siliconix

  ESH2PC Datasheet HTML 1Page - Vishay Siliconix ESH2PC Datasheet HTML 2Page - Vishay Siliconix ESH2PC Datasheet HTML 3Page - Vishay Siliconix ESH2PC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
New Product
ESH2PB, ESH2PC & ESH2PD
Vishay General Semiconductor
Document Number: 89016
Revision: 13-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
High Current Density Surface Mount Ultrafast Rectifiers
FEATURES
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Glass passivated chip junction
• Ultrafast recovery times for high frequency
• Low forward voltage drop, low power loss
• Low thermal resistance
• Meets MSL level 1 per J-STD-020, LF maximum
peak of 260 °C
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in secondary rectification and freewheeling for
ultrafast switching speeds of ac-to-ac and dc-to-dc
converters in high temperature conditions for both
consumer and automotive applications.
MECHANICAL DATA
Case: DO-220AA (SMP)
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
2 A
VRRM
100 V, 150 V, 200 V
trr
25 ns
VF at IF = 2 A
0.75 V
TJ max.
175 °C
DO-220AA (SMP)
eSMPTM Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
ESH2PB
ESH2PC
ESH2PD
UNIT
Device marking code
P2B
P2C
P2D
Maximum repetitive peak reverse voltage
VRRM
100
150
200
V
Maximum average forward rectified current (Fig. 1)
IF(AV)
2.0
A
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
50
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous
forward voltage (1)
IF = 2 A
TJ = 25 °C
TJ = 125 °C
VF
0.90
0.75
0.98
0.82
V
Maximum reverse current (2)
rated VR
TJ = 25 °C
TJ = 125 °C
IR
0.2
12.6
1.0
25
µA


Similar Part No. - ESH2PC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ESH2PC VISHAY-ESH2PC Datasheet
91Kb / 5P
High Current Density Surface Mount Ultrafast Rectifiers
24-Aug-11
ESH2PC VISHAY-ESH2PC Datasheet
105Kb / 5P
High Current Density Surface-Mount Ultrafast Rectifiers
08-Mar-2022
More results

Similar Description - ESH2PC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ES1PA VISHAY-ES1PA Datasheet
153Kb / 2P
High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ESH1PA VISHAY-ESH1PA Datasheet
161Kb / 2P
High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ESH1PB VISHAY-ESH1PB_11 Datasheet
86Kb / 4P
High Current Density Surface Mount Ultrafast Rectifiers
19-Apr-11
UH4PBC VISHAY-UH4PBC_11 Datasheet
100Kb / 5P
High Current Density Surface Mount Ultrafast Rectifiers
10-May-11
ESH2PD-E3-84A VISHAY-ESH2PD-E3-84A Datasheet
92Kb / 5P
High Current Density Surface Mount Ultrafast Rectifiers
24-Aug-11
ES1PD-M3 VISHAY-ES1PD-M3 Datasheet
84Kb / 4P
High Current Density Surface Mount Ultrafast Rectifiers
30-Oct-13
ES1PB VISHAY-ES1PB_15 Datasheet
93Kb / 6P
High Current Density Surface Mount Ultrafast Rectifiers
19-Feb-15
ES1PB VISHAY-ES1PB_V01 Datasheet
103Kb / 5P
High Current Density Surface Mount Ultrafast Rectifiers
08-Mar-2022
ESH1PB VISHAY-ESH1PB_V01 Datasheet
105Kb / 5P
High Current Density Surface-Mount Ultrafast Rectifiers
08-Mar-2022
ESH2PB VISHAY-ESH2PB_V01 Datasheet
105Kb / 5P
High Current Density Surface-Mount Ultrafast Rectifiers
08-Mar-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com