Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESH2PD Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ESH2PD
Description  High Current Density Surface Mount Ultrafast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ESH2PD Datasheet(HTML) 3 Page - Vishay Siliconix

  ESH2PD Datasheet HTML 1Page - Vishay Siliconix ESH2PD Datasheet HTML 2Page - Vishay Siliconix ESH2PD Datasheet HTML 3Page - Vishay Siliconix ESH2PD Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
New Product
ESH2PB, ESH2PC & ESH2PD
Vishay General Semiconductor
Document Number: 89016
Revision: 13-May-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Leakage Characteristics
0.4
0.6
0.8
1.2
1.4
0.1
10
1
100
0.01
1.0
0.2
1.6
T
J = 150 °C
T
J = 125 °C
T
J = 175 °C
T
J = 25 °C
Instantaneous Forward Voltage (V)
20
40
60
80
100
0.1
1
10
100
10
30
50
70
90
0.01
1000
T
J = 150 °C
T
J = 125 °C
T
J = 175 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
Figure 5. Typical Junction Capacitance
0.1
10
1
100
1
100
10
1000
Reverse Voltage (V)
DO-220AA (SMP)
Cathode band
0.086 (2.18)
0.074 (1.88)
0.142 (3.61)
0.126 (3.19)
0.158 (4.00)
0.146 (3.70)
0.013 (0.35)
0.004 (0.10)
0.012 (0.30)
0.000 (0.00)
0.018 (0.45)
0.006 (0.15)
0.045 (1.15)
0.033 (0.85)
0.036 (0.91)
0.024 (0.61)
0.032 (0.80)
0.016 (0.40)
0.103 (2.60)
0.087 (2.20)
0.053 (1.35)
0.041 (1.05)
0.012 (0.30) REF.
0.100
(2.54)
0.105
(2.67)
0.025
(0.635)
0.030
(0.762)
0.050
(1.27)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com