Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1910HS Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA1910HS
Description  10W AUDIO AMPLIFIER WITH MUTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1910HS Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA1910HS Datasheet HTML 6Page - STMicroelectronics TDA1910HS Datasheet HTML 7Page - STMicroelectronics TDA1910HS Datasheet HTML 8Page - STMicroelectronics TDA1910HS Datasheet HTML 9Page - STMicroelectronics TDA1910HS Datasheet HTML 10Page - STMicroelectronics TDA1910HS Datasheet HTML 11Page - STMicroelectronics TDA1910HS Datasheet HTML 12Page - STMicroelectronics TDA1910HS Datasheet HTML 13Page - STMicroelectronics TDA1910HS Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5
0.197
B
2.65
0.104
C
1.6
0.063
D
1
0.039
E
0.49
0.55
0.019
0.022
F
0.88
0.95
0.035
0.037
G
1.57
1.7
1.83
0.062
0.067
0.072
G1
16.87
17
17.13
0.664
0.669
0.674
H1
19.6
0.772
H2
20.2
0.795
L
21.5
22.3
0.846
0.878
L1
21.4
22.2
0.843
0.874
L2
17.4
18.1
0.685
0.713
L3
17.25
17.5
17.75
0.679
0.689
0.699
L4
10.3
10.7
10.9
0.406
0.421
0.429
L7
2.65
2.9
0.104
0.114
M
4.1
4.3
4.5
0.161
0.169
0.177
M1
4.88
5.08
5.3
0.192
0.200
0.209
S
1.9
2.6
0.075
0.102
S1
1.9
2.6
0.075
0.102
Dia1
3.65
3.85
0.144
0.152
MULTIWATT 11 VERTICAL PACKAGE MECHANICAL DATA
13/14
TDA1910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com