Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2007A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA2007A
Description  6 6W STEREO AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2007A Datasheet(HTML) 3 Page - STMicroelectronics

  TDA2007A Datasheet HTML 1Page - STMicroelectronics TDA2007A Datasheet HTML 2Page - STMicroelectronics TDA2007A Datasheet HTML 3Page - STMicroelectronics TDA2007A Datasheet HTML 4Page - STMicroelectronics TDA2007A Datasheet HTML 5Page - STMicroelectronics TDA2007A Datasheet HTML 6Page - STMicroelectronics TDA2007A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
28
V
IO
Output Peak Current (repetitive f
≥ 20Hz)
3A
IO
Output Peak Current (non repetitive t = 100
µs)
3.5
A
Ptot
Power Dissipation at Tcase =70
°C
10
W
Tstg,Tj
Storage and Junction Temperature
–40 to 150
°C
ELECTRICALCHARACTERISTICS (referto the stereoapplicationcircuit,Tamb =25
°C, VS = 18V,
GV =36dB, unlessotherwisespecified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
826
V
VO
Quiescent Output Voltage
8.5
V
Id
Total Quiescent Drain Curent
50
90
mA
PO
Output Power
(each channel)
f = 100Hz to 6KHz
d = 0.5%
VS = 18V RL =4
Ω
VS = 22V RL =8W
5.5
5.5
6
6
W
W
d
Distortion
(each channel)
f = 1KHz, VS = 18V, RL =4
Ω
PO = 100mW to 3W
f = 1KHz, VS = 22V, RL =8
Ω
PO = 100mW to 3W
0.1
0.05
%
%
CT
Cross Talk (
ooo)R
L =
∞,Rg = 10KΩ
f = 1KHz
f = 10KHz
50
40
60
50
dB
dB
Vi
Input Saturation Voltage (rms)
300
mV
Ri
Input Resistance
f = 1KHz
70
200
K
Ω
fL
Low Frequency Roll Off (–3dB)
RL =4
Ω, C10 = C11 = 2200µF
40
Hz
fH
Low Frequency Roll Off (–3dB)
80
KHz
GV
Voltage Gain (closed loop)
f = 1KHz
35.5
36
36.5
dB
∆GV
Closed Loop Gain Matching
0.5
dB
eN
Total Input Noise Voltage
Rg =10k
Ω (o)
1.5
µV
Rg =10k
Ω (oo)
2.5
8
µV
SVR
Supply Voltage Rejection
(each channel)
Rg =10K
Ω
fripple = 100Hz, Vripple = 0.5V
55
dB
Tj
Thermal Shut-down Junction
Temperature
145
°C
(
°) Curve A.
(
°°) 22Hz to 22KHz.
TDA2007A
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com