Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS8C5H30L Datasheet(PDF) 13 Page - STMicroelectronics

Part # STS8C5H30L
Description  N-channel 30V - 0.018 Ω - 8A/p-channel 30V - 0.045 Ω - 5A - SO-8 Low gate charge STripFET??III MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS8C5H30L Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STS8C5H30L Datasheet HTML 6Page - STMicroelectronics STS8C5H30L Datasheet HTML 7Page - STMicroelectronics STS8C5H30L Datasheet HTML 8Page - STMicroelectronics STS8C5H30L Datasheet HTML 9Page - STMicroelectronics STS8C5H30L Datasheet HTML 10Page - STMicroelectronics STS8C5H30L Datasheet HTML 11Page - STMicroelectronics STS8C5H30L Datasheet HTML 12Page - STMicroelectronics STS8C5H30L Datasheet HTML 13Page - STMicroelectronics STS8C5H30L Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
STS8C5H30L
Revision history
13/14
5
Revision history
Table 8.
Revision history
Date
Revision
Changes
17-Sep-2004
1
First revision
31-Oct-2006
2
The document has been reformatted
30-Jan-2007
3
typo mistake on Table 2.
23-Jul-2007
4
Figure 14 has been updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com