Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSL3921 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSL3921
Description  Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL3921 Datasheet(HTML) 2 Page - Vishay Siliconix

  WSL3921 Datasheet HTML 1Page - Vishay Siliconix WSL3921 Datasheet HTML 2Page - Vishay Siliconix WSL3921 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 30110
For technical questions, contact: ww2bresistors@vishay.com
www.vishay.com
Revision: 29-Mar-07
17
WSL3921 and WSL5931
Power Metal Strip® Resistors,
Low Value (down to 0.0002
Ω), Surface Mount
Vishay Dale
DIMENSIONS
Note
• Embossed carrier tape per EIA-481-1A
H
L
T
W
D
I
d
b
70
Derating
120
100
80
60
40
20
0
175
150
125
100
75
50
25
0
- 25
- 50
- 65
Ambient Temperature in °C
MODEL
DIMENSIONS in inches [millimeters]
LW
H
T
WSL3921
0.394 ±
0.010
0.205 ± 0.010
[5.20 ± 0.254]
0.020
[0.5]
0.080 ± 0.010
[2.00 ± 0.254]
WSL5931
0.591 ±
0.010
0.305 ± 0.010
[7.75 ± 0.254]
0.020
[0.5]
0.157 ± 0.010
[4.00 ± 0.254]
MODEL
SOLDER PAD DIMENSIONS in inches [millimeters]
db
l
WSL3921
0.106 ± 0.010
[2.70 ± 0.254]
0.244 ± 0.010
[6.20 ± 0.254]
0.220 ± 0.005
[5.60 ± 0.13]
WSL5931
0.205 ± 0.010
[5.20 ± 0.254]
0.344 ± 0.010
[8.75 ± 0.254]
0.220 ± 0.005
[5.60 ± 0.13]
GLOBAL
MODEL
RESISTANCE
VALUE
“D”
THICKNESS
ELEMENT
MATERIAL
WSL3921
0.3
0.0510
Mn-Cu
WSL3921
0.5
0.0300
Mn-Cu
WSL3921
1.0
0.0150
Mn-Cu
WSL3921
2.0
0.0270
Fe-Cr
WSL3921
3.0
0.0170
Fe-Cr
WSL3921
4.0
0.0130
Fe-Cr
WSL5931
0.2
0.0485
Mn-Cu
WSL5931
0.3
0.0300
Mn-Cu
WSL5931
0.5
0.0180
Mn-Cu
WSL5931
1.0
0.0330
Fe-Cr
WSL5931
2.0
0.0155
Fe-Cr
WSL5931
3.0
0.0105
Fe-Cr
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
- 55 °C to + 150 °C, 1000 cycles, 15 min at each extreme
± (1.0 % + 0.0005
Ω) ΔR
Short Time Overload
5 x rated power for 5 s
± (0.5 % + 0.0005
Ω) ΔR
Low Temperature Storage
- 65 °C for 45 min
± (0.5 % + 0.0005
Ω) ΔR
High Temperature Exposure
1000 h at + 175 °C
± (1.0 % + 0.0005
Ω) ΔR
Bias Humidity
+ 85 °C, 85 % RH, 10 % Bias, 1000 h
± (0.5 % + 0.0005
Ω) ΔR
Mechanical Shock
100 g’s for 6 ms, 5 pulses
± (0.5 % + 0.0005
Ω) ΔR
Vibration
Frequency varied 10 to 2000 Hz in 1 min, 3 directions, 12 h
± (0.5 % + 0.0005
Ω) ΔR
Load Life
1000 h at + 70 °C, 1.5 h “ON”, 0.5 h “OFF”
± (1.0 % + 0.0005
Ω) ΔR
Resistance to Solder Heat
+ 260 °C Solder, 10 - 12 s dwell, 25 mm/s emergence
± (0.5 % + 0.0005
Ω) ΔR
Moisture Resistance
MIL-STD-202, Method 106, 0 % power, 7a and 7b not required
± (0.5 % + 0.0005
Ω) ΔR
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSL3921
16 mm/Embossed Plastic
330 mm/13"
3000
EA
WSL5931
16 mm/Embossed Plastic
330 mm/13"
1500
EA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com