Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSLE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSLE
Description  Power Metal Strip® Flip Chip (Extended Range) Patents Pending
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSLE Datasheet(HTML) 2 Page - Vishay Siliconix

  WSLE Datasheet HTML 1Page - Vishay Siliconix WSLE Datasheet HTML 2Page - Vishay Siliconix WSLE Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 20033
For technical questions, contact: ww2bresistors@vishay.com
www.vishay.com
Revision: 18-Nov-08
39
WSL....E
Power Metal Strip® Flip Chip (Extended Range)
Patents Pending
Vishay Dale
DIMENSIONS
Pulse Energy Plot:
This represents the energy in each of 50 pulses, with a
1 second rest between pulses, that it takes to shift the
WSL....E resistance ± (0.50 % + 0.01 Ω).
L
T
d
D
W
I
a
b
SIZE
INCH
Dimensions in inches [millimeters]
L
WTmax.
D
d
1506
0.15 ± 0.005
[3.81 ± 0.13]
0.062 ± 0.003
[1.57 ± 0.08]
0.025
[0.64]
0.012 ± 0.003
[0.30 ± 0.08]
0.059 ± 0.003
[1.50 ± 0.08]
2010
0.200 ± 0.005
[5.08 ± 0.13]
0.100 ± 0.003
[2.54 ± 0.08]
0.025
[0.64]
0.020 ± 0.003
[0.51 ± 0.08]
0.097 ± 0.003
[2.46 ± 0.08]
2512
0.250 ± 0.005
[6.35 ± 0.13]
0.126 ± 0.003
[3.20 ± 0.08]
0.025
[0.64]
0.024 ± 0.003
[0.61 ± 0.08]
0.123 ± 0.003
[3.12 ± 0.08]
SIZE
INCH
Solder Pad Dimensions in inches [millimeters]
ab
l
1506
0.015 [0.38]
0.062 [1.57]
0.118 [3.00]
2010
0.023 [0.58]
0.100 [2.54]
0.153 [3.89]
2512
0.027 [0.69]
0.126 [3.20]
0.196 [4.98]
Pulse Energy
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+02
1.E+03
1.E+04
1.E+05
Time in Microseconds
WSL2512E
WSL1506E
WSL2010E
0
0.25
0.50
0.75
1.0
Power in W
WSL1506E
WSL2010E
WSL2512E
150
125
100
75
50
25
0
Temperature Rise
- 55
- 25
0
25
50
75
100
125
150 175
Ambient Temperature in °C
120
100
80
60
40
20
0
70
Derating
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal Shock
- 55 °C to + 150 °C, 100 cycles, 15 min at each extreme
± (0.20 % + 0.01
Ω)
Short Time Overload
5 x rated power for 5 s
± (0.20 % + 0.01
Ω)
Low Temperature Storage
- 65 °C for 24 h
± (0.20 % + 0.01
Ω)
High Temperature Exposure
1000 h at + 150 °C
± (0.50 % + 0.01
Ω)
Moisture Resistance
MIL-STD-202, Method 106, 0 % power, 7a and 7b not required
± (0.50 % + 0.01
Ω)
Load Life
1000 h at rated power, + 70 °C, 1.5 h “ON”, 0.5 h “OFF”
± (0.50 % + 0.01
Ω)
Vibration
MIL-STD-202, Method 204D
± (0.10 % + 0.01
Ω)
Mechanical Shock
100 g’s for 6 ms, 5 pulses
± (0.10 % + 0.01
Ω)
Resistance to Soldering Heat
+ 260 °C Solder, 10 - 12 s dwell, 25 mm/s emergence
± (0.50 % + 0.01
Ω)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com