Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS17NH3LL Datasheet(PDF) 5 Page - STMicroelectronics

Part # STS17NH3LL
Description  N-channel 30 V - 0.004 Ω - 17 A - SO-8 STripFET??Power MOSFET for DC-DC conversion
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS17NH3LL Datasheet(HTML) 5 Page - STMicroelectronics

  STS17NH3LL Datasheet HTML 1Page - STMicroelectronics STS17NH3LL Datasheet HTML 2Page - STMicroelectronics STS17NH3LL Datasheet HTML 3Page - STMicroelectronics STS17NH3LL Datasheet HTML 4Page - STMicroelectronics STS17NH3LL Datasheet HTML 5Page - STMicroelectronics STS17NH3LL Datasheet HTML 6Page - STMicroelectronics STS17NH3LL Datasheet HTML 7Page - STMicroelectronics STS17NH3LL Datasheet HTML 8Page - STMicroelectronics STS17NH3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STS17NH3LL
Electrical characteristics
5/12
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min
Typ.
Max Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 15 V, ID = 8.5 A
RG =4.7 Ω , VGS = 10 V
(see Figure 16)
8
65
ns
ns
td(off)
tf
Turn-off delay time
Fall time
VDD = 15 V, ID = 8.5 A
RG =4.7 Ω , VGS = 10 V
(see Figure 16)
38
20
ns
ns
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
ISD
ISDM
Source-drain current
Source-drain current (pulsed)
17
68
A
A
VSD
(1)
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward on voltage
ISD = 17 A, VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 17 A,
di/dt = 100 A/µs
VDD = 15 V, Tj = 25°C
(see Figure 15)
22
32
1.9
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com