Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WVL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WVL
Description  Inductors, Variable, Subminiature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WVL Datasheet(HTML) 2 Page - Vishay Siliconix

  WVL Datasheet HTML 1Page - Vishay Siliconix WVL Datasheet HTML 2Page - Vishay Siliconix WVL Datasheet HTML 3Page - Vishay Siliconix WVL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WVL
Vishay Dale
Inductors, Variable, Subminiature,
Variable, Subminiature, Shielded
www.vishay.com
For technical questions contact magnetics@vishay.com
Document Number: 34086
48
Revision: 10-Aug-06
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND.UCTANCE
NOM.
(µH)
TURNABLE
RANGE
Q
MINIMUM
TEST
FREQ.
(MHz)
SELF-RESONANT
FREQ. NOM.
(MHz)
DCR
MAXIMUM
(Ohms)
RATED DC
CURRENT
(mA)
INCREMENTAL*
CURRENT
(mA)
WVL
0.10
± 5 %
56
25
200
0.030
1510
-
WVL
0.12
± 5 %
56
25
200
0.030
1450
-
WVL
0.15
± 5 %
56
25
200
0.030
1400
-
WVL
0.18
± 5 %
56
25
200
0.035
1370
-
WVL
0.22
± 5 %
56
25
200
0.038
1340
-
WVL
0.27
± 5 %
64
25
200
0.040
1300
-
WVL
0.33
± 5 %
64
25
200
0.040
1260
-
WVL
0.39
± 5 %
64
25
200
0.045
1240
-
WVL
0.47
± 5 %
64
25
184
0.045
1200
-
WVL
0.56
± 5 %
64
25
176
0.050
1160
-
WVL
0.68
± 5 %
64
25
150
0.055
1100
-
WVL
0.82
± 5 %
68
25
144
0.060
1040
-
WVL
1.0
± 5 %
68
25
128
0.070
986
-
WVL
1.2
± 10 %
72
7.9
136
0.085
968
-
WVL
1.5
± 10 %
80
7.9
124
0.100
893
-
WVL
1.8
± 10 %
92
7.9
108
0.110
853
-
WVL
2.2
± 10 %
88
7.9
96
0.120
817
-
WVL
2.7
± 10 %
88
7.9
83
0.125
800
-
WVL
3.3
± 10 %
77
7.9
74
0.165
696
-
WVL
3.9
± 10 %
72
7.9
70
0.180
659
-
WVL
4.7
± 10 %
76
7.9
63
0.245
571
-
WVL
5.6
± 10 %
76
7.9
58
0.265
550
-
WVL
6.8
± 10 %
68
7.9
50
0.330
493
-
WVL
8.2
± 10 %
76
7.9
48
0.460
417
-
WVL
10
± 10 %
72
7.9
43
0.640
359
-
WVL
12
± 10 %
96
2.5
30
0.800
316
-
WVL
15
± 10 %
96
2.5
23
0.865
301
-
WVL
18
± 10 %
92
2.5
19
0.940
292
-
WVL
22
± 10 %
100
2.5
17
1.03
267
-
WVL
27
± 10 %
92
2.5
16
1.18
243
-
WVL
33
± 10 %
96
2.5
15
1.30
231
-
WVL
39
± 10 %
96
2.5
14
1.41
223
-
WVL
47
± 10 %
88
2.5
12
1.61
203
-
WVL
56
± 10 %
92
2.5
11
2.08
191
-
WVL
68
± 10 %
84
2.5
10
2.20
185
-
WVL
82
± 10 %
84
2.5
9
2.42
174
-
WVL
100
± 10 %
76
2.5
8.4
2.15
333
333
WVL
120
± 10 %
76
0.79
4.5
2.38
316
190
WVL
150
± 10 %
72
0.79
4.0
2.52
306
175
WVL
180
± 10 %
76
0.79
3.9
2.88
288
150
WVL
220
± 10 %
76
0.79
3.7
3.18
273
125
WVL
270
± 10 %
80
0.79
3.4
3.50
260
120
WVL
330
± 10 %
80
0.79
2.8
4.80
222
110
WVL
390
± 10 %
80
0.79
2.7
5.44
209
105
WVL
470
± 10 %
80
0.79
2.6
5.90
201
100
WVL
560
± 10 %
76
0.79
2.3
6.30
194
90
WVL
680
± 10 %
80
0.79
2.2
7.20
181
80
WVL
820
± 10 %
72
0.79
2.0
8
172
70
WVL
1000
± 10 %
80
0.79
1.9
12
141
65
MARKING
- Manufacturer data printed



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com