Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2040V Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA2040V
Description  20W Hi-Fi AUDIO POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2040V Datasheet(HTML) 3 Page - STMicroelectronics

  TDA2040V Datasheet HTML 1Page - STMicroelectronics TDA2040V Datasheet HTML 2Page - STMicroelectronics TDA2040V Datasheet HTML 3Page - STMicroelectronics TDA2040V Datasheet HTML 4Page - STMicroelectronics TDA2040V Datasheet HTML 5Page - STMicroelectronics TDA2040V Datasheet HTML 6Page - STMicroelectronics TDA2040V Datasheet HTML 7Page - STMicroelectronics TDA2040V Datasheet HTML 8Page - STMicroelectronics TDA2040V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ELECTRICAL CHARACTERISTICS
(refer to the test circuit, VS =
± 16V, Tamb =25oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vs
Supply Voltage
± 2.5
± 20
V
Id
Quiescent Drain Current
Vs =
± 4.5V
Vs =
± 20V
45
30
100
mA
mA
Ib
Input Bias Current
Vs =
± 20V
0.3
1
µA
Vos
Input Offset Voltage
Vs =
± 20V
± 2
± 20
mV
Ios
Input Offset Current
± 200
nA
Po
Output Power
d = 0.5%, Tcase =60
°C
f = 1kHz
RL =4
Ω
RL =8
Ω
f = 15kHz
RL =4
Ω
20
15
22
12
18
W
BW
Power Bandwidth
Po = 1W, RL =4
Ω
100
kHz
Gv
Open Loop Voltage Gain
f = 1kHz
80
dB
Gv
Closed Loop Voltage Gain
f = 1kHz
29.5
30
30.5
dB
d
Total Harmonic Distortion
Po = 0.1 to 10W, RL =4
Ω
f = 40 to 15000Hz
f = 1kHz
0.08
0.03
%
eN
Input Noise Voltage
B = Curve A
B = 22Hz to 22kHz
2
310
µV
µV
iN
Input Noise Current
B = Curve A
B = 22Hz to 22kHz
50
80
200
pA
Ri
Input Resistance (pin 1)
0.5
5
M
Ω
SVR
Supply Voltage Rejection
RL =4
Ω,Rg = 22kΩ,Gv = 30dB
f = 100Hz, Vripple = 0.5VRMS
40
50
dB
η
Efficiency
f = 1kHz
Po = 12W
RL =8
Ω
Po = 22W
RL =4
Ω
66
63
%
Tj
Thermal Shut-down Junction Temperature
145
°C
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vs
Supply Voltage
± 20
V
Vi
Input Voltage
Vs
Vi
Differential Input Voltage
± 15
V
Io
Output Peak Current (internally limited)
4
A
Ptot
Power Dissipation at Tcase =75
°C25
W
Tstg,Tj
Storage and Junction Temperature
– 40 to + 150
°C
TDA2040
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com