Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2050 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA2050
Description  32W Hi-Fi AUDIO POWER AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2050 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA2050 Datasheet HTML 1Page - STMicroelectronics TDA2050 Datasheet HTML 2Page - STMicroelectronics TDA2050 Datasheet HTML 3Page - STMicroelectronics TDA2050 Datasheet HTML 4Page - STMicroelectronics TDA2050 Datasheet HTML 5Page - STMicroelectronics TDA2050 Datasheet HTML 6Page - STMicroelectronics TDA2050 Datasheet HTML 7Page - STMicroelectronics TDA2050 Datasheet HTML 8Page - STMicroelectronics TDA2050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TDA2050
32W Hi-Fi AUDIO POWER AMPLIFIER
HIGH OUTPUT POWER
(50W MUSIC POWER IEC 268.3 RULES)
HIGH OPERATING SUPPLY VOLTAGE (50V)
SINGLE OR SPLIT SUPPLY OPERATIONS
VERY LOW DISTORTION
SHORT CIRCUIT PROTECTION (OUT TO
GND)
THERMAL SHUTDOWN
DESCRIPTION
The TDA 2050 is a monolithic integrated circuit in
Pentawatt package, intended for use as an audio
class AB audio amplifier. Thanks to its high power
capability the TDA2050 is able to provide up to
35W true rms power into 4 ohm load @ THD =
10%, VS =
±18V, f = 1KHz and up to 32W into
8ohm load @ THD = 10%, VS =
±22V, f = 1KHz.
Moreover, the TDA 2050 delivers typically 50W
music power into 4 ohm load over 1 sec at VS=
22.5V, f = 1KHz.
The high power and very low harmonic and cross-
over distortion (THD = 0.05% typ, @ VS =
±22V,
PO = 0.1 to 15W, RL=8ohm, f = 100Hz to 15KHz)
make the device most suitable for both HiFi and
high class TV sets.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
March 1995
TEST AND APPLICATION CIRCUIT
Pentawatt
ORDERING NUMBERS: TDA2050V
TDA2050H
1/13


Similar Part No. - TDA2050

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2050 UTC-TDA2050 Datasheet
261Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2050 TGS-TDA2050 Datasheet
196Kb / 6P
32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2050 UTC-TDA2050 Datasheet
196Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
2Mb / 18P
32 W hi-fi audio power amplifier
31-Aug-2011
logo
Unisonic Technologies
TDA2050-TB5-T UTC-TDA2050-TB5-T Datasheet
261Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
More results

Similar Description - TDA2050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2040 STMICROELECTRONICS-TDA2040 Datasheet
391Kb / 13P
20W Hi-Fi AUDIO POWER AMPLIFIER
17-Jul-2012
TDA2051 STMICROELECTRONICS-TDA2051 Datasheet
27Kb / 1P
40W Hi-Fi AUDIO POWER AMPLIFIER
Mar-1991
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
14W HI-FI AUDIO AMPLIFIER
logo
Wuxi Youda electronics ...
YD1008 YOUDA-YD1008 Datasheet
110Kb / 4P
22W HI-FI AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
14W Hi-Fi AUDIO AMPLIFIER
Jun-1998
logo
Unisonic Technologies
TDA2050 UTC-TDA2050 Datasheet
261Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2050 TGS-TDA2050 Datasheet
196Kb / 6P
32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
14W HI-FI AUDIO AMPLIFIER
TDA2050 UTC-TDA2050_15 Datasheet
245Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
TDA2050 UTC-TDA2050_16 Datasheet
196Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com