Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSLS2512RFGEK Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSLS2512RFGEK
Description  Improved Stability (0.25 % and 0.5 %), Power Metal Strip® Resistors Low Value (0.01 Ω to 0.1 Ω), Surface Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSLS2512RFGEK Datasheet(HTML) 1 Page - Vishay Siliconix

  WSLS2512RFGEK Datasheet HTML 1Page - Vishay Siliconix WSLS2512RFGEK Datasheet HTML 2Page - Vishay Siliconix WSLS2512RFGEK Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Improved Stability (0.25 % and 0.5 %), Power Metal Strip® Resistors
Low Value (0.01
Ω to 0.1 Ω), Surface Mount
WSLS2512, Improved Stability
Vishay Dale
www.vishay.com
For technical questions, contact: ww2bresistors@vishay.com
Document Number: 30123
12
Revision: 06-Oct-08
FEATURES
• Current sensing in high-temperature (+ 125 °C)
applications
• Greater stability with maximum resistance
change of 0.25 % or 0.5 % through 2000 h
workload
• Ideal for all types of current sensing, voltage
division
and
pulse
applications
including
switching
and
linear
power
supplies,
instruments, power amplifiers and shunts
• Proprietary processing technique produces extremely low
resistance values (0.01
Ω to 0.1 Ω)
• All welded construction
• Solid metal Nickel-Chrome resistive element with low TCR
(< 20 ppm/°C)
• Lead (Pb)-free construction is RoHS compliant
• Very low inductance 0.5 nH to 2 nH
• Excellent frequency response to 50 MHz
• Low thermal EMF (< 3 µV/°C)
Note
• Part Marking: Value, RTC/Stability code
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL MODEL
POWER RATING
P70 °C
W
RESISTANCE RANGE
Ω
WEIGHT
(typical)
g/1000 pieces
± 1.0 %
WSLS2512
1.0
0.01 - 0.1
63.6
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WSLS2512 RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 75
Operating Temperature Range
°C
- 65 to + 170
Maximum Working Voltage
V
(
P × R)1/2
GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBERING: WSLS2512R0100FHEA
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
RTC/STABILITY
PACKAGING CODE
SPECIAL
WSLS2512
L = m
Ω*
R = Decimal
5L000 = 0.005
Ω
R0100 = 0.01
Ω
* use “L” for
resistance value
< 0.01
Ω
D = ± 0.5 %
F = ± 1.0 %
J = ± 5.0 %
G = 75 ppm, 0.25 %
stability
H = 75 ppm, 0.5 %
stability
EA = Lead (Pb)-free,
tape/reel
EK = Lead (Pb)-free,
bulk
(Dash Number)
(up to 2 digits)
From 1 - 99 as
applicable
SLS
2
5
1
2R0
W
10
0
F
H
A
E


Similar Part No. - WSLS2512RFGEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSLS2512R0200FHEB VISHAY-WSLS2512R0200FHEB Datasheet
94Kb / 3P
Power Metal Strip® Resistors, Improved Stability (0.25 % and 0.5 %), Low Value, Surface Mount
05-Mar-14
More results

Similar Description - WSLS2512RFGEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL VISHAY-WSL Datasheet
119Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
10-Nov-08
WSL3921 VISHAY-WSL3921_07 Datasheet
265Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.0002 Ω), Surface Mount
29-Mar-07
WSL1206R2000FEA VISHAY-WSL1206R2000FEA Datasheet
86Kb / 3P
Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
06-Jun-12
WSR21R000FEA VISHAY-WSR21R000FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
01-Jul-09
WSL2512R0800FEA VISHAY-WSL2512R0800FEA Datasheet
125Kb / 3P
Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
12-Aug-09
WSLS2512R0200FHEB VISHAY-WSLS2512R0200FHEB Datasheet
94Kb / 3P
Power Metal Strip® Resistors, Improved Stability (0.25 % and 0.5 %), Low Value, Surface Mount
05-Mar-14
WSLS2512 VISHAY-WSLS2512_15 Datasheet
88Kb / 3P
Power Metal Strip® Resistors, Improved Stability (0.25 % and 0.5 %), Low Value, Surface Mount
05-Mar-14
WSLF VISHAY-WSLF Datasheet
103Kb / 4P
Power Metal Strip® Resistors, Low Value (Down to 0.0003 Ω), Surface-Mount
07-Apr-17
WSL5931 VISHAY-WSL5931_V01 Datasheet
142Kb / 5P
Power Metal Strip® Resistors, Low Value (Down to 0.0001 Ω), Surface-Mount
19-Jul-2022
WSR VISHAY-WSR_V01 Datasheet
107Kb / 4P
Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount
29-Jun-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com