Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB412R31 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EB412R31
Description  Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB412R31 Datasheet(HTML) 1 Page - Vishay Siliconix

  EB412R31 Datasheet HTML 1Page - Vishay Siliconix EB412R31 Datasheet HTML 2Page - Vishay Siliconix EB412R31 Datasheet HTML 3Page - Vishay Siliconix EB412R31 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
2
EB4
Vishay Dale
For technical questions, contact Connectors@vishay.com
Document Number 36001
Revision 14-Aug-02
FEATURES
• Grid Patterns: 0.100" C-C x 0.150" [2.54mm x 3.81mm]
and 0.100" C-C x 0.200" [2.54mm x 5.08mm].
• Standard and right angle terminals.
• Greater design latitude:
4 body materials: Diallyl phthalate, phenolic, glass-filled
polyester and glass-filled polyphenylene sulfied.
7 contact termination styles - 3 Standard, 4 Right Angle.
20 body sizes and 6 mounting styles.
• Selective gold plating.
• Accepts PC board thickness of 0.054" to 0.071" [1.37mm
to 1.80mm].
• Polarization between contact positions in all sizes.
Between contact polarization permits polarizing without loss
of contact position.
• Recognized under the Component Program of
Underwriters Laboratories, Inc. Listed under File
E65524, Project 77CH3889.
Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C,
Standard and Right Angle Terminals
ELECTRICAL SPECIFICATIONS
Current Rating: 3 amps.
Test Voltage Between Contacts:
At sea level: 650VRMS.
At 70,000 feet [21,336 meters]: 275VRMS.
Insulation Resistance: 5000 Megohm minimum at 500VDC
potential.
Contact Resistance: 30 millivolts maximum at rated current
(with gold plating).
Operating Temperature: - 65
°C to + 125°C.
Humidity: 96 hours at 90% relative humidity at + 40
°C, dried
at room temperature for 3 hours minimum, insulation
resistance was greater than 5000 Megohm.
Durability: After 500 cycles of insertion and withdrawal of a
0.070" [1.78mm] thick steel test board, contact resistance
less than 0.030V at 3 amps on gold plated contacts and
individual contact pair separation force when measured with
a 0.054" [1.37mm] thick steel test blade was greater than
1/2 ounce.
Shock:
Three 50g shocks in each of 3 mutually
perpendicular planes with no loss of continuity.
Vibration: 2 hours in each of 3 mutually perpendicular
planes, frequency sweep 10 to 55cps at 0.06 double
amplitude with no loss of continuity.
MATERIAL SPECIFICATIONS
Body Material:
“1” glass-filled diallyl phthalate per MIL-M-14, Type SDG-F
green, flame retardant (UL 94V-0).
“2” glass-filled phenolic per MIL-M-14, Type MFH dark
green, flame retardant (UL 94V-0).
“3” thermoplastic polyester, glass-filled, black, flame
retardant (UL 94V-0).
“5” thermoplastic polyphenylene sulfied, glass filled, brown,
flame retardant (UL 94V-0).
Contacts: Phosphor bronze. (See Ordering Information.)
Polarizing Key: Glass reinforced nylon, flame retardant
(UL 94H-B).
Plating: Gold. (Ordering Information.)
APPLICATIONS
For use with 0.0625" [1.59mm] printed circuit boards requiring
an edgeboard type connector on 0.100" [2.54mm] centers.
ORDERING INFORMATION
15
POLARIZING
KEY POSITIONS
X
MOUNTING
VARIATIONS
SG
CONTACT PLATING
20
CONTACTS
K
STANDARD
TERMINAL
VARIATIONS
EB4
MODEL
3
BODY MATERIAL
C, D, K,
1R, 2R,
3R, 4R
6, 10, 12,
15, 18, 20,
22, 25, 28,
30, 31, 35,
36, 40, 43,
44, 48, 49,
50, 60 and
65 per side.
SG = Selective Gold Plating
(0.00003" [0.000762mm] minimum
thick) on contact area with Gold
Flash on terminal.
SGF = Selective Gold Plating
(0.000010" [0.000254mm]
minimum thick) on contact area
with Gold Flash on terminal.
All Gold Plating over 0.00005"
[0.00127mm] minimum Nickel
Underplate.
Contact factory for additional
plating options.
Key(s) are located to
right of position(s)
designated. Use odd-
numbered contact for
ordering: -1, -3, -5, etc.
Required only when
polarizing keys are to
be factory installed.
NOTE: To order
polarizing keys
individually, specify
Model PK-4.
1 = Diallyl
Phthalate
2 = Phenolic
3 = Glass-filled
Polyester
5 = Glass-filled
Polyphenylene
Sulfied


Similar Part No. - EB412R31

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB412R10SGX15 VISHAY-EB412R10SGX15 Datasheet
166Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB412R12SGX15 VISHAY-EB412R12SGX15 Datasheet
166Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB412R15SGX15 VISHAY-EB412R15SGX15 Datasheet
166Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB412R6SGX15 VISHAY-EB412R6SGX15 Datasheet
166Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
More results

Similar Description - EB412R31

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB6 VISHAY-EB6 Datasheet
148Kb / 4P
Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
14-Aug-02
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
Edgeboard Connectors, Dual Readout
14-Aug-02
EB8 VISHAY-EB8 Datasheet
156Kb / 4P
Edgeboard Connectors, Dual Readout
14-Aug-02
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
14-Aug-02
EB4 VISHAY-EB4_09 Datasheet
166Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB6 VISHAY-EB6_09 Datasheet
188Kb / 4P
Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
Edgeboard Connectors, Dual Readout
16-Feb-09
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
Edgeboard Connectors, Dual Readout
16-Feb-09
EB4 VISHAY-EB4_V01 Datasheet
171Kb / 4P
Edgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
EB6 VISHAY-EB6_V01 Datasheet
194Kb / 4P
Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
16-Feb-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com