Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2320 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA2320
Description  PREAMPLIFIER FOR INFRARED REMOTE CONTROL SYSTEMS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2320 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA2320 Datasheet HTML 1Page - STMicroelectronics TDA2320 Datasheet HTML 2Page - STMicroelectronics TDA2320 Datasheet HTML 3Page - STMicroelectronics TDA2320 Datasheet HTML 4Page - STMicroelectronics TDA2320 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
N
DIP8
(Plastic Package)
1
2
3
45
6
7
8
Inve rting Input 2
Output 2
Non-inverting Input 2
Output 1
Inverting Input 1
Non-inve rting Input 1
GND
CC
V
-
+
-
+
PIN CONNECTIONS (top view)
PREAMPLIFIER FOR INFRARED
REMOTE CONTROL SYSTEMS
TDA2320
DESCRIPTION
The TDA2320 is a monolithic integrated circuit in Dip
package especially designed to amplify the IR signal
in remote controlled TV or radio sets. It directly in-
terfaces the digital control circuitry.
The TDA2320 incorporates a two-stage amplifier
with excellent sensitivity and high noise immunity. It
can work with a single 5V supply voltage and flash
or carrier transmission modes as provided for exam-
ple by the M709A/M710A/MOS transmitters.
The TDA2320 is particularly intended to be used in
conjunction with the M104 and M206 + M3870 re-
mote control receivers.
October 1997
ORDER CODES
Part Number
Temperature
Range
Package
N
TDA2320
-40
oC, +105oC
1/5


Similar Part No. - TDA2320

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2320A STMICROELECTRONICS-TDA2320A Datasheet
149Kb / 12P
STEREO AMPLIFIER
Oct-1997
TDA2320AN STMICROELECTRONICS-TDA2320AN Datasheet
149Kb / 12P
STEREO AMPLIFIER
Oct-1997
More results

Similar Description - TDA2320

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2800A NEC-UPC2800A Datasheet
84Kb / 12P
PREAMPLIFIER FOR INFRARED REMOTE CONTROL
UPC2807 NEC-UPC2807 Datasheet
46Kb / 8P
PREAMPLIFIER FOR INFRARED REMOTE CONTROLLER
logo
Daewoo Semiconductor
DBL2055 DAEWOO-DBL2055 Datasheet
405Kb / 7P
PREAMPLIFIER FOR REMOTE CONTROL USE
logo
Hynix Semiconductor
GL3277 HYNIX-GL3277 Datasheet
31Kb / 3P
PREAMPLIFIER FOR REMOTE CONTROL USE
logo
AUK corp
SL2055 AUK-SL2055 Datasheet
220Kb / 8P
PREAMPLIFIER FOR REMOTE CONTROL USE
logo
TEMIC Semiconductors
U2535B TEMIC-U2535B Datasheet
71Kb / 6P
Preamplifier for IR Remote Control
logo
LG Semicon Co.,Ltd.
GL3274 LG-GL3274 Datasheet
305Kb / 8P
Preamplifier for Remote Control Use
logo
List of Unclassifed Man...
HL3279 ETC1-HL3279 Datasheet
182Kb / 6P
PREAMPLIFIER FOR REMOTE CONTROL USE
HL3280 ETC1-HL3280 Datasheet
60Kb / 6P
PREAMPLIFIER FOR REMOTE CONTROL USE
logo
Silicon Standard Corp.
SS6863 SSC-SS6863 Datasheet
270Kb / 6P
IR Preamplifier for Remote Control Systems
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com