Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2320A Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA2320A
Description  STEREO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2320A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA2320A Datasheet HTML 4Page - STMicroelectronics TDA2320A Datasheet HTML 5Page - STMicroelectronics TDA2320A Datasheet HTML 6Page - STMicroelectronics TDA2320A Datasheet HTML 7Page - STMicroelectronics TDA2320A Datasheet HTML 8Page - STMicroelectronics TDA2320A Datasheet HTML 9Page - STMicroelectronics TDA2320A Datasheet HTML 10Page - STMicroelectronics TDA2320A Datasheet HTML 11Page - STMicroelectronics TDA2320A Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
1/2
TDA2320A
OUT
1/2
TDA2320A
IN
0.22
µF
3
2
1
+15V
100nF
56k
Ω
-15V
6
4
1.8k
Ω
500k
Ω
100k
Ω
100k
Ω
3.6k
Ω
11k
Ω
47nF
47nF
22nF
4.7nF
6
5
7
TREBLE
1.8k
Ω
11k
Ω
MIDRANGE
3.6k
Ω
BASS
11k
Ω
100nF
Figure 23 : Three Band Tone Control
Figure 24 :Frequency Response of the
Circuit of figure 23
A: all controls flat
B: bass & treble boost, mid flat
C: bass & treble cut, mid flat
D: mid boost, bass & treble flat
E: mid cut, bass treble flat
TDA2320A
11/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com