Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XT46C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XT46C
Description  Surface Mount Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XT46C Datasheet(HTML) 1 Page - Vishay Siliconix

  XT46C Datasheet HTML 1Page - Vishay Siliconix XT46C Datasheet HTML 2Page - Vishay Siliconix XT46C Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
For technical questions contact: frequency@vishay.com
Document Number: 35021
18
Revision: 18-Oct-07
XT46C
Vishay Dale
Surface Mount Crystal
FEATURES
• Ultra-miniature size
• Wide frequency range
• Seam sealing
• Ceramic package
• Emboss taping
• Reflow soldering
• 100 % Lead (Pb)-free and RoHS compliant
DIMENSIONS in inches [millimeters]
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
UNIT
MIN
TYPICAL
MAX
Frequency Range
FO
MHz
10.000
80.000
Frequency Tolerance
ΔF/F
O
at 25 °C
ppm
± 10
± 30
± 50
Temperature Stability
TC
ref to 25 °C
ppm
± 10
± 30
± 50
Operating Temperature Range
TOPR
°C
- 10
+ 60
Storing Temperature Range
TSTG
°C
- 40
+ 85
Shunt Capacitance
CO
pF
7
Load Capacitance
CL
Customer Specified
pF
10
Series
Insulator Resistance
IR
100 VDC
M
Ω
500
Drive Level
DL
µW
100
300
Aging
Fa
at 25 °C, per year
ppm
- 5.0
+ 5.0
EQUIVALENT SERIES RESISTANCE (ESR) AND MODE OF VIBRATION (MODE)
FREQUENCY RANGE (MHz)
MAX ESR (
Ω)MODE
10.000 to 15.999
60
Fundamental
16.000 to 39.999
40
Fundamental
40.000 to 80.000
70
3rd Overtone
0.035 [0.9]
0.089 [1.5]
0.035 [0.9]
0.055
[1.4]
0.118 ± 0.004
[3.0 ± 0.10]
0.055
[1.4]
0.077
[1.95]
0.094
[2.4]
0.077
[1.95]
0.055 [1.4]
0.043 [1.1]
0.055 [1.4]
Recommended Solder Pattern
Note: Pin#2 and #4 are connected through
cover, in case connected to GND.
Frequency might be drifted.
0.236 ± 0.008
[6.0 ± 0.2]
0.138 ± 0.008
[3.5 ± 0.2]
MARKING
AREA
0.236 ± 0.008
[6.0 ± 0.2]
0.039 ± 0.4
[1.0 ± 0.1]
ORDERING INFORMATION
XT46C
MODEL
- 20
LOAD
Blank = Series
- 20 = 20 pF Standard
- 32 = 32 pF
25 M
FREQUENCY/MHz
e4
JEDEC LEAD (Pb)-FREE
STANDARD
GLOBAL PART NUMBER
MODEL
LOAD
PACKAGE
FREQUENCY
CODE
X
T4
6
2
0
A2
5
M
RoHS
COMPLIANT
This part is an ultra miniature package with size of 6.0 x 3.5
x 1.0 mm. With its ceramic base and metal cover it provides
the durability and reliability necessary for strenuous process
like infrared and vapor phase reflow.


Similar Part No. - XT46C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT46C VISHAY-XT46C Datasheet
97Kb / 3P
Surface Mount Crystal
09-Mar-10
XT46C-2025ME4 VISHAY-XT46C-2025ME4 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
XT46C-3225ME4 VISHAY-XT46C-3225ME4 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
XT46C25ME4 VISHAY-XT46C25ME4 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
XT46C VISHAY-XT46C_10 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
More results

Similar Description - XT46C

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M1254 MTRONPTI-M1254_07 Datasheet
267Kb / 2P
Surface Mount Crystal
logo
List of Unclassifed Man...
HCX-7S ETC2-HCX-7S Datasheet
259Kb / 1P
SURFACE MOUNT CRYSTAL
logo
ECM Electronics Limited...
CM309S ECM-CM309S Datasheet
69Kb / 1P
Surface Mount Crystal
ECX6034 ECM-ECX6034 Datasheet
71Kb / 1P
Surface Mount Crystal
logo
Vishay Siliconix
XT36C VISHAY-XT36C Datasheet
104Kb / 3P
Surface Mount Crystal
18-Oct-07
XT36C VISHAY-XT36C_10 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
XT46C VISHAY-XT46C_10 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
logo
List of Unclassifed Man...
HCX-5SA ETC1-HCX-5SA Datasheet
470Kb / 2P
Surface Mount Crystal
logo
Raltron Electronics Cor...
R1612 RALTRON-R1612 Datasheet
353Kb / 3P
SURFACE MOUNT CRYSTAL
R2016 RALTRON-R2016 Datasheet
343Kb / 3P
SURFACE MOUNT CRYSTAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com