Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2593 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA2593
Description  SYNCHRO AND HORIZONTAL DEFLECTION CONTROL FOR COLOR TV SET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2593 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA2593 Datasheet HTML 1Page - STMicroelectronics TDA2593 Datasheet HTML 2Page - STMicroelectronics TDA2593 Datasheet HTML 3Page - STMicroelectronics TDA2593 Datasheet HTML 4Page - STMicroelectronics TDA2593 Datasheet HTML 5Page - STMicroelectronics TDA2593 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ELECTRICAL OPERATING CHARACTERISTICS (contined)
(Tamb =25
oC, V1–V16 = 12V , unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
OVERALL PHASE RELATION SHIP
tz
Phrase Between Middle Synchro Pulse and Middle Fly-back
Pulse (tr =12
µs, note 4
1.9
3.3
µs
∆I/∆t
Sensitivity to Current Adjust
30
µA/µs
OSCILLATOR (PINS 14 AND 15)
V14–16
Threshold Voltage
(low level)
(high level)
4.4
7.6
V
V
I14
Current Generator
± 0.47
mA
f
Free Running Frequency (Cosc = 4700pF, Rosc = 12k
Ω)
15625
Hz
∆f
Tolerance on Frequency (note 5)
± 5%
∆f/15
Frequence Control Sensitivity
31
Hz/
µA
∆f
Spread of Frequency
± 10
%
∆f/f
∆V/V nom.
nfluence of Supply Voltage on Frequency (note 5)
± 0.05
%
∆f
Frequency change when decreasing the supply down to 5 V
(V1–16 = 5V, note 5)
± 10
%
T
Frequency Temperature Coefficient (note 5)
± 10–4 Hz/°C
PHASE COMPARATOR ø 1 (PIN 13)
V13–16
Control Voltage Range
3.8 to 8.2
V
I13
Control Current (peak value)
±1.9 to ±2.3
mA
I13
Off-state Current (V13–16 = 4 to 8 V)
– 1
µA
R13
Output Impedance
(V13–16 = 4 to 8 V, note 6)
(V13–16 < 3.8 V cr > 8.2 V, note 7)
High
Low
Control Sensibility
2
kHz/
µs
∆f
Catching and Holding Range
± 780
Hz
∆f/f
Catching and Holding Range Tolerance (note 5)
± 10
%
PHASE COMPARATOR
φ 2 AND PHASE-SHIFT (PIN 5)
V5–16
Control Voltage Range
5.4 to 7.6
V
I5
Control Current (peak value)
± 1mA
I5
Off-state Output Current (V5–16 = 5.4 to 7.6 V)
– 5
µA
R5
Output Impedance
(V5–16 = 5.4 to 7.6 V, note 6)
(V5–16 < 5.4 V or > 7.6 V)
High
8k
Ω
td
Max. delay Between Output Pulse Leading Edge
and Fly-back Pulse Trailing Edge (tr =12
µs)
15
µs
∆t/∆td
Static Control Error
0.2
%
COÏNCIDENCE DETECTOR (PIN 11)
V11–16
Output Voltage
0.5 to 6
V
I11
Output Current
(without coïncidence)
(with coïncidence)
0.1
– 0.5
mA
mA
TIME CONSTANT SWITCH (PIN 12)
V12–16
Output Voltage
6
V
I12
Output Current
± 1mA
R12
Output Impedance
(V11–16 = 2.5 to 7 V)
(V11–16 < 1.5 or > 9 V)
100
60
Ω
k
Ω
PULSE GENERATOR (INTERNAL)
t
Pulse Width
7.5
µs
Notes : 4. The adjustement of overall phase relation (and output pulse leading edge position) is automatically performed by phase
comparator Ø 2. If additional adjustement is needed, a current have to be imposed at pin 5.
5. Tolerance of peripheral components not included.
6. Current generator.
7. Emitter-follower
TDA2593
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com